Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29LV033C Datasheet(PDF) 30 Page - Advanced Micro Devices

Part # AM29LV033C
Description  32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV033C Datasheet(HTML) 30 Page - Advanced Micro Devices

Back Button AM29LV033C Datasheet HTML 26Page - Advanced Micro Devices AM29LV033C Datasheet HTML 27Page - Advanced Micro Devices AM29LV033C Datasheet HTML 28Page - Advanced Micro Devices AM29LV033C Datasheet HTML 29Page - Advanced Micro Devices AM29LV033C Datasheet HTML 30Page - Advanced Micro Devices AM29LV033C Datasheet HTML 31Page - Advanced Micro Devices AM29LV033C Datasheet HTML 32Page - Advanced Micro Devices AM29LV033C Datasheet HTML 33Page - Advanced Micro Devices AM29LV033C Datasheet HTML 34Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
28
Am29LV033C
22268B5 September 12, 2006
DA TA
SH EET
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
Plastic Packages . . . . . . . . . . . . . . . –65
°C to +150°C
Ambient Temperature
with Power Applied. . . . . . . . . . . . . . –65
°C to +125°C
Voltage with Respect to Ground
V
CC (Note 1) . . . . . . . . . . . . . . . . . –0.5 V to +4.0 V
A9, OE#, and
RESET# (Note 2) . . . . . . . . . . . . –0.5 V to +12.5 V
All other pins (Note 1) . . . . . . .–0.5 V to VCC+0.5 V
Output Short Circuit Current (Note 3) . . . . . . 200 mA
Notes:
1. Minimum DC voltage on input or I/O pins is –0.5 V.
During voltage transitions, input or I/O pins may
overshoot V
SS to –2.0 V for periods of up to 20 ns. See
Figure 7, on page 30. Maximum DC voltage on input or
I/O pins is
V
CC +0.5 V. During voltage transitions, input
or I/O pins may overshoot to V
CC +2.0 V for periods up to
20 ns. See Figure 8, on page 30.
2. Minimum DC input voltage on pins A9, OE#, and RESET#
is –0.5 V. During voltage transitions, A9, OE#, and RESET#
may overshoot V
SS to –2.0 V for periods of up to 20 ns. See
Figure 7, on page 30. Maximum DC input voltage on pin
A9 is +12.5 V which may overshoot to 14.0 V for periods up
to 20 ns.
3. No more than one output may be shorted to ground at a
time. Duration of the short circuit should not be greater than
one second.
Stresses above those listed under “Absolute Maximum Rat-
ings” may cause permanent damage to the device. This is a
stress rating only; functional operation of the device at these
or any other conditions above those indicated in the opera-
tional sections of this data sheet is not implied. Exposure of
the device to absolute maximum rating conditions for ex-
tended periods may affect device reliability.
OPERATING RANGES
Commercial (C) Devices
Ambient Temperature (T
A). . . . . . . . . . . .0°C to +70°C
Industrial (I) Devices
Ambient Temperature (T
A). . . . . . . . . .–40°C to +85°C
Extended (E) Devices
Ambient Temperature (TA). . . . . . . . .–55°C to +125°C
V
CC Supply Voltages
V
CC for full voltage range. . . . . . . . . . . +2.7 V to 3.6 V
Operating ranges define those limits between which the func-
tionality of the device is guaranteed.
Figure 7.
Maximum Negative
Overshoot Waveform
Figure 8.
Maximum Positive
Overshoot Waveform
20 ns
20 ns
+0.8 V
V
SS–0.5 V
20 ns
V
SS–2.0 V
20 ns
20 ns
V
CC+2.0 V
V
CC+0.5 V
20 ns
2.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com