Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESM-680S15AMGS Datasheet(PDF) 11 Page - Inventronics Inc.

Part # ESM-680S15AMGS
Description  680W Programmable Driver with INV Digital Dimming
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

ESM-680S15AMGS Datasheet(HTML) 11 Page - Inventronics Inc.

Back Button ESM-680S15AMGS Datasheet HTML 7Page - Inventronics Inc. ESM-680S15AMGS Datasheet HTML 8Page - Inventronics Inc. ESM-680S15AMGS Datasheet HTML 9Page - Inventronics Inc. ESM-680S15AMGS Datasheet HTML 10Page - Inventronics Inc. ESM-680S15AMGS Datasheet HTML 11Page - Inventronics Inc. ESM-680S15AMGS Datasheet HTML 12Page - Inventronics Inc. ESM-680S15AMGS Datasheet HTML 13Page - Inventronics Inc. ESM-680S15AMGS Datasheet HTML 14Page - Inventronics Inc. ESM-680S15AMGS Datasheet HTML 15Page - Inventronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11 / 17
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
680W Programmable Driver with INV Digital Dimming
ESM-680SxxxMGS
Rev.B
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Protection Functions
Parameter
Min.
Typ.
Max.
Notes
Over Temperature Protection
Decreases output current, returning to normal after over temperature is removed.
Short Circuit Protection
Auto Recovery. No damage will occur when any output is short circuited. The output
shall return to normal when the fault condition is removed.
Over Voltage Protection
Limits output voltage at no load and in case the normal voltage limit fails.
Input Under
Voltage
Protection
(IUVP)
Input Protection
Voltage
220 Vac
230 Vac
240 Vac
Turn off the output when the input voltage
falls below protection voltage.
Input Recovery
Voltage
230 Vac
240 Vac
250 Vac
Auto Recovery. The driver will restart when
the input voltage exceeds recovery voltage.
Input Over
Voltage
Protection
(IOVP)
Input Over
Voltage
Protection
550 Vac
570 Vac
590 Vac
Turn off the output when the input voltage
exceeds protection voltage.
Input Over
Voltage
Recovery
530 Vac
550 Vac
570 Vac
Auto Recovery. The driver will restart when
the input voltage falls below recovery
voltage.
Max. of Input
Over Voltage
-
-
590 Vac
The driver can survive for 8 hours with
a stable input voltage stress of 590Vac.
 Input Under Voltage Protection Diagram
Io
Protection
Recovery
230 Vac
240 Vac
Vin
 Input Over Voltage Protection Diagram
Io
Protection
Recovery
550 Vac
570 Vac
Vin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com