Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESM-680S15AMGS Datasheet(PDF) 1 Page - Inventronics Inc.

Part # ESM-680S15AMGS
Description  680W Programmable Driver with INV Digital Dimming
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

ESM-680S15AMGS Datasheet(HTML) 1 Page - Inventronics Inc.

  ESM-680S15AMGS Datasheet HTML 1Page - Inventronics Inc. ESM-680S15AMGS Datasheet HTML 2Page - Inventronics Inc. ESM-680S15AMGS Datasheet HTML 3Page - Inventronics Inc. ESM-680S15AMGS Datasheet HTML 4Page - Inventronics Inc. ESM-680S15AMGS Datasheet HTML 5Page - Inventronics Inc. ESM-680S15AMGS Datasheet HTML 6Page - Inventronics Inc. ESM-680S15AMGS Datasheet HTML 7Page - Inventronics Inc. ESM-680S15AMGS Datasheet HTML 8Page - Inventronics Inc. ESM-680S15AMGS Datasheet HTML 9Page - Inventronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1 / 17
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
680W Programmable Driver with INV Digital Dimming
ESM-680SxxxMGS
Rev.B
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Features
Description
The ESM-680SxxxMGS series is a 680W, constant-current, programmable and IP66/IP67 rated LED driver that
operates from 249-528 Vac input with excellent power factor. Created for many lighting applications including high
mast, sports, UV-LED, aquaculture and horticulture, etc. It provides an auxiliary voltage and dim-to-off functionality
for powering low voltage, wireless controls. The dimming control supports 0-10V dimming as well as two-way
communication via Digital Dimming, a UART based communication protocol. The high efficiency of these drivers
and compact metal case enables them to run cooler, significantly improving reliability and extending product life.
To ensure trouble-free operation, protection is provided against input surge, input under voltage, input over
voltage, output over voltage, short circuit, and over temperature.
Models
Adjustable
Output
Current
Range
Full-Power
Current
Range(1)
Default
Output
Current
Input
Voltage
Range(2)
Output
Voltage
Range
Max.
Output
Power
Typical
Efficiency
(3)
Typical
Power Factor
Model Number
277Vac 480Vac
0.125-1.7A 1.25-1.7A
1.7 A
249~528Vac
352~500Vdc
200 ~ 544Vdc 680 W
96.0%
0.99
0.96
ESM-680S170MGS
0.18-2.4A
1.8-2.4A
2.1 A
249~528Vac
352~500Vdc
141.5 ~ 378Vdc 680 W
95.5%
0.99
0.96
ESM-680S240MGS
0.26-3.5A
2.6-3.5A
3.5 A
249~528Vac
352~500Vdc
97.1 ~ 262Vdc 680 W
95.5%
0.99
0.96
ESM-680S350MGS
0.42-5.6A
4.2-5.6A
5.6 A
249~528Vac
352~500Vdc
60.7 ~ 163Vdc 680 W
95.5%
0.99
0.96
ESM-680S560MGS
0.63-8.4A
6.3-8.4A
8.4 A
249~528Vac
352~500Vdc
40.4 ~ 108Vdc 680 W
95.5%
0.99
0.96
ESM-680S840MGS(4)
1.26-15.0A 12.6-15.0A 15.0 A
249~528Vac
352~500Vdc
22.6 ~ 54Vdc 680 W
94.5%
0.99
0.96
ESM-680S15AMGS(4)
Ultra High Efficiency (Up to 96.0%)
Full Power at Wide Output Current Range (Constant Power)
Adjustable Output Current (AOC) with Programmability
Isolated 0-10V/PWM/3-Timer-Modes Dimmable
INV Digital Dimming, UART Based Communication Protocol
Dim-to-Off with Low Standby Power
Minimum Dimming Level with 5% or 10% Selectable
Maximum Dimming Level with 9V or 10V Selectable
Fade Time Adjustable
Always-on Auxiliary Power: 12Vdc, 250mA
Low inrush current
Output Lumen Compensation
End-of-Life Indicator
Input Surge Protection: DM 6kV, CM 10kV
All-Around Protection: IUVP, IOVP, OVP, SCP, OTP
IP66 / IP67 and UL Dry / Damp / Wet Location
TYPE HL, for use in a Class I, Division 2 hazardous
(Classified) location
5 Years Warranty


Similar Part No. - ESM-680S15AMGS

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
ESM-680S15AMX INVENTRONICS-ESM-680S15AMX Datasheet
1Mb / 19P
680W Programmable Driver with INV Digital Dimming
Rev.F
More results

Similar Description - ESM-680S15AMGS

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
ESM-1K2SXXXMX INVENTRONICS-ESM-1K2SXXXMX Datasheet
815Kb / 16P
1200W Programmable Driver with INV Digital Dimming
Rev.B
ESM-1K2TXXXMX INVENTRONICS-ESM-1K2TXXXMX Datasheet
805Kb / 15P
1200W Programmable Driver with INV Digital Dimming
Rev.A
ESM-240SXXXMX INVENTRONICS-ESM-240SXXXMX Datasheet
720Kb / 15P
240W Programmable Driver with INV Digital Dimming
Rev.F
ESM-480SXXXMX INVENTRONICS-ESM-480SXXXMX Datasheet
1Mb / 20P
480W Programmable Driver with INV Digital Dimming
Rev.A
ESM-680SXXXMX INVENTRONICS-ESM-680SXXXMX Datasheet
1Mb / 19P
680W Programmable Driver with INV Digital Dimming
Rev.F
SSM-1K0SXXXMGR INVENTRONICS-SSM-1K0SXXXMGR Datasheet
2Mb / 18P
1000W Programmable Driver with INV Digital Dimming
Rev.A
SSM-1K0SXXXMGS INVENTRONICS-SSM-1K0SXXXMGS Datasheet
950Kb / 17P
1000W Programmable Driver with INV Digital Dimming
Rev.A
SSM-1K0SXXXMX INVENTRONICS-SSM-1K0SXXXMX Datasheet
1,005Kb / 18P
1000W Programmable Driver with INV Digital Dimming
Rev.C
SUM-760SXXXMGR INVENTRONICS-SUM-760SXXXMGR Datasheet
1Mb / 16P
760W Programmable Driver with INV Digital Dimming
Rev.A
SUM-760SXXXMX INVENTRONICS-SUM-760SXXXMX Datasheet
968Kb / 16P
760W Programmable Driver with INV Digital Dimming
Rev.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com