Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESM-680S15AMGS Datasheet(PDF) 16 Page - Inventronics Inc.

Part # ESM-680S15AMGS
Description  680W Programmable Driver with INV Digital Dimming
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

ESM-680S15AMGS Datasheet(HTML) 16 Page - Inventronics Inc.

Back Button ESM-680S15AMGS Datasheet HTML 9Page - Inventronics Inc. ESM-680S15AMGS Datasheet HTML 10Page - Inventronics Inc. ESM-680S15AMGS Datasheet HTML 11Page - Inventronics Inc. ESM-680S15AMGS Datasheet HTML 12Page - Inventronics Inc. ESM-680S15AMGS Datasheet HTML 13Page - Inventronics Inc. ESM-680S15AMGS Datasheet HTML 14Page - Inventronics Inc. ESM-680S15AMGS Datasheet HTML 15Page - Inventronics Inc. ESM-680S15AMGS Datasheet HTML 16Page - Inventronics Inc. ESM-680S15AMGS Datasheet HTML 17Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
16 / 17
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
680W Programmable Driver with INV Digital Dimming
ESM-680SxxxMGS
Rev.B
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Mechanical Outline
Unspecified tolerance:±1
PROJ:
Vo+
Vo-
GND
Dim+
12V
Dim-
Waterproof Cap
N/L2
L/L1
Tc
Note: This driver features UL Wet Location, IP67 panel mount connectors to streamline wiring in the field while
still supporting stringent environmental conditions. The mating push-lock are not supplied by Inventronics. Please
contact Wieland and Amphenol LTW or one of their suppliers for assistance sourcing the mating push-lock
Location
Series
Application
PN of connector on driver
PN of mating push-lock
Vin
Wieland RST20i3
600V/5A
96.032.1055.7
96.031.0055.7 (Spring)
or 96.031.4055.7 (Screw)
600V/10A
96.032.5055.7
Vo
ALTW X-Lok,C-Size
600V/10A
ABAB-CAQ03000091
CC-03BFMB-QL8APA
300V/20A
ABAB-CAQ03000100
CC-03BFMB-QL8APP
Dim
ALTW X-Lok,A-Size
300V/5A
ABAB-AMQ03000091
AD-03BFFB-QL8AP0
Dim
ALTW X-Lok,A-Size
Waterproof Cap
/
CAP-WAAMQPC1
/
RoHS Compliance
Our products comply with reference to RoHS Directive (EU) 2015/863 amending 2011/65/EU, calling for the
elimination of lead and other hazardous substances from electronic products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com