Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESM-680S15AMGS Datasheet(PDF) 2 Page - Inventronics Inc.

Part # ESM-680S15AMGS
Description  680W Programmable Driver with INV Digital Dimming
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

ESM-680S15AMGS Datasheet(HTML) 2 Page - Inventronics Inc.

  ESM-680S15AMGS Datasheet HTML 1Page - Inventronics Inc. ESM-680S15AMGS Datasheet HTML 2Page - Inventronics Inc. ESM-680S15AMGS Datasheet HTML 3Page - Inventronics Inc. ESM-680S15AMGS Datasheet HTML 4Page - Inventronics Inc. ESM-680S15AMGS Datasheet HTML 5Page - Inventronics Inc. ESM-680S15AMGS Datasheet HTML 6Page - Inventronics Inc. ESM-680S15AMGS Datasheet HTML 7Page - Inventronics Inc. ESM-680S15AMGS Datasheet HTML 8Page - Inventronics Inc. ESM-680S15AMGS Datasheet HTML 9Page - Inventronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2 / 17
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
680W Programmable Driver with INV Digital Dimming
ESM-680SxxxMGS
Rev.B
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Notes: (1) Output current range with constant power at 680W.
(2) Certified voltage range: UL, FCC 277-480Vac; otherwise 277-400Vac.
(3) Measured at 100% load and 480Vac input (see below “General Specifications” for details).
(4) SELV output
I-V Operating Area
ESM-680S170MGS
ESM-680S240MGS
(750,544)
(125,544)
0
110
220
330
440
550
660
0
340
680
1020
1360
1700
2040
Output Current(mA)
Good Performance Area
Allowed Operating Area
(1250,544)
(1700,400)
Programmed Operating Area
(1700,240)
(1700,200)
Note: 1250mA≤Ioset≤1700mA
(Ioset,200 )
(170,200)
(Ioset,680/Ioset)
(10%Ioset,680 /Ioset)
100
%Lo
ad
(1080,378)
(180,378)
0
76
152
228
304
380
456
0
480
960
1440
1920
2400
2880
Output Current(mA)
Good Performance Area
Allowed Operating Area
(1800,378)
(2400,283.5)
Programmed Operating Area
(2400,170)
(2400,141.5)
Note: 1800mA≤Ioset≤2400mA
(Ioset,141.5)
(240,141.5)
(Ioset,680/Ioset)
(10%Ioset,680/Ioset)
100%
Loa
d
ESM-680S350MGS
ESM-680S560MGS
(1560,262)
(260,262)
0
52
104
156
208
260
312
0
700
1400
2100
2800
3500
4200
Output Current(mA)
Good Performance Area
Allowed Operating Area
(2600,262)
(3500,194)
Programmed Operating Area
60%
Loa
d
(3500,116.5)
(3500,97.1)
Note: 2600mA≤Ioset≤3500mA
(Ioset,97.1)
(350,97.1)
(Ioset,680/Ioset)
(10%Ioset,680/Ioset)
100
%Lo
ad
(2520,163)
(420,163)
0
33
66
99
132
165
198
0
1120
2240
3360
4480
5600
6720
Output Current(mA)
Good Performance Area
Allowed Operating Area
(4200,163)
(5600,121.5)
Programmed Operating Area
60%
Load
(5600,73)
(5600,60.7)
Note: 4200mA≤Ioset≤5600mA
(Ioset,60.7)
(560,60.7)
(Ioset,680/Ioset)
(10%Ioset,680/Ioset)
100%
Load
ESM-680S840MGS
ESM-680S15AMGS
(3780,108)
(630,108)
0
22
44
66
88
110
132
0
1680
3360
5040
6720
8400
10050
Output Current(mA)
Good Performance Area
Allowed Operating Area
(6300,108)
(8400,81)
Programmed Operating Area
(8400,48.5)
(8400,40.4)
Note: 6300mA≤Ioset≤8400mA
(Ioset,40.4)
(840,40.4)
(Ioset,680/Ioset)
(10%Ioset,680 /Ioset)
100%
Load
(7560,54)
(1260,54)
0
10
20
30
40
50
60
0
3000
6000
9000
12000
15000
18000
Output Current(mA)
Good Performance Area
Allowed Operating Area
(12600,54)
(15000,45)
Programmed Operating Area
60%
Loa
d
(15000,27)
(15000,22.6)
Note: 12600mA≤Ioset≤15000mA
(Ioset,22.6)
(1500,22.6)
(Ioset,680/Ioset)
(10%Ioset,680 /Ioset)
100
%Lo
ad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com