Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESM-680S15AMGS Datasheet(PDF) 14 Page - Inventronics Inc.

Part # ESM-680S15AMGS
Description  680W Programmable Driver with INV Digital Dimming
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

ESM-680S15AMGS Datasheet(HTML) 14 Page - Inventronics Inc.

Back Button ESM-680S15AMGS Datasheet HTML 9Page - Inventronics Inc. ESM-680S15AMGS Datasheet HTML 10Page - Inventronics Inc. ESM-680S15AMGS Datasheet HTML 11Page - Inventronics Inc. ESM-680S15AMGS Datasheet HTML 12Page - Inventronics Inc. ESM-680S15AMGS Datasheet HTML 13Page - Inventronics Inc. ESM-680S15AMGS Datasheet HTML 14Page - Inventronics Inc. ESM-680S15AMGS Datasheet HTML 15Page - Inventronics Inc. ESM-680S15AMGS Datasheet HTML 16Page - Inventronics Inc. ESM-680S15AMGS Datasheet HTML 17Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14 / 17
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
680W Programmable Driver with INV Digital Dimming
ESM-680SxxxMGS
Rev.B
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Dim+
Dim-
Inventronics
LED Driver
V+
V-
L/L1
N/L2
Vac
Vaux/12V
PWM
Signal
Implementation 4
: Negative logic
Notes:
1. Do NOT connect Dim− to the output V− or V+, otherwise the driver will not work properly.
2. When PWM negative logic dimming mode and Dim+ is open, the driver will dim to off and be standby.
 Time Dimming
Time dimming control includes 3 kinds of modes, they are Self Adapting-Midnight, Self Adapting-
Percentage and Traditional Timer.
Self Adapting-Midnight: Automatically adjusts the dimming curve based on the on-time of past two
days (if difference <15 minutes), assuming that the center point of the dimming curve is midnight local
time.
Self Adapting-Percentage: Automatically adjusts the on-time of each step by a constant percentage =
(actual on-time for the past 2 days if difference <15 min) / (programmed on-time from the dimming curve).
Traditional Timer: Follows the programmed timing curve after power on with no changes.
 Output Lumen Compensation
Output Lumen Compensation (OLC) may be used to maintain constant light output over the life of the LEDs
by driving them at a reduced current when new, then gradually increasing the drive current over time to
counteract LED lumen degradation.
 Minimum Dimming Level with 5% or 10% Selectable
The minimum dimming level can be set as 5% or 10% by Inventronics Multi Programmer,10% is default.
 Maximum Dimming Level with 9V or 10V Selectable
The maximum dimming level can be set as corresponding dimming voltage is 9V or 10V by Inventronics
Multi Programmer,9V is default.
 Fade Time Adjustable
Soft-start time and dimming slope can be adjusted by Inventronics Multi Programmer to get customized
fade time experience, disable mode is default.
 End Of Life
End-of-Life (EOL) is providing a visual notification to a user that the LED module has reached the end of
manufacturer-specified life and that the replacement is recommended. Once active, an indication is given at
each power-up of the driver, which the driver indicates this through a lower light output during the first 1
minute before normal operation is continued.
 Digital Dimming
Inventronics Digital Dimming is a UART (Universal Asynchronous Receive Transmitter) based
communication protocol. Please refer to Inventronics Digital Dimming file for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com