Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6701 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6701
Description  3 Phase Controller for VR10, VR9 and K8 CPUs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6701 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6701 Datasheet HTML 3Page - STMicroelectronics L6701 Datasheet HTML 4Page - STMicroelectronics L6701 Datasheet HTML 5Page - STMicroelectronics L6701 Datasheet HTML 6Page - STMicroelectronics L6701 Datasheet HTML 7Page - STMicroelectronics L6701 Datasheet HTML 8Page - STMicroelectronics L6701 Datasheet HTML 9Page - STMicroelectronics L6701 Datasheet HTML 10Page - STMicroelectronics L6701 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
L6701
2 Pins description and connection diagrams
7/44
19
REF_IN
Reference Input for the regulation.
Connect directly or through a resistor to the REF_OUT pin. See Section 10.3 for
details. This pin is used as input for the protections.
20
REF_OUT
Reference Output.
Connect directly or through a resistor to the REF_IN pin. See Section 10.3 for
details.
21 to 26
VID4
to
VID0, VID5
Voltage IDentification Pins.
Internally pulled up by 12.5µA to 5V, connect to SGND to program a '0' or leave
floating to program a '1'. They allow programming output voltage as specified in
Table 5, Table 6 and Table 7 according to DAC_SEL status.
27
FBR
Remote Buffer Non Inverting Input.
Connect to the positive side of the load to perform remote sense.
See Section 16 for proper layout of this connection.
28
FBG
Remote Buffer Inverting Input.
Connect to the negative side of the load to perform remote sense.
See Section 16 for proper layout of this connection.
29 to 31
ISEN3
to
ISEN1
LS Current Sense Pins.
These pins are used for current balance phase-to-phase as well as for the
system OCP. Connect through a resistor RISEN to the relative PHASEx pin. See
Section 9 and Section 13.6 for details.
32
CS+
Droop Current Sense non-inverting input.
Connect through RPH-CPH network to the main inductors. Directly connect to
output voltage when Droop function is not required. See Section 10.1 and
Section 10.2 for details.
33
CS-
Droop Current Sense inverting input.
Connect through resistor RD to the main inductors common node. Leave floating
when Droop Function is not required. See Section 10.1 and Section 10.2 for
details.
This pin also monitors the output for any feedback disconnection. See
Section 13.4 for details.
34
VSEN
Remote Buffer Output. It manages OVP and UVP protections and PGOOD
(when applicable). See Section 13 for details.
35
FB
Error Amplifier Inverting Input. Connect with a resistor RFB vs. VSEN and with an
RF - CF toward COMP.
36
COMP
Error Amplifier Output. Connect with an RF - CF vs. FB.
The device cannot be disabled by pulling down this pin.
PAD
THERMAL
PAD
Thermal pad connects the Silicon substrate and makes good thermal contact
with the PCB to dissipate the power necessary to drive the external MOSFETs.
Connect to the PGND plane with several VIAs to improve thermal conductivity.
Table 1.
Pins description (continued)
Pin n
°
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com