Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6701 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6701
Description  3 Phase Controller for VR10, VR9 and K8 CPUs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6701 Datasheet(HTML) 5 Page - STMicroelectronics

  L6701 Datasheet HTML 1Page - STMicroelectronics L6701 Datasheet HTML 2Page - STMicroelectronics L6701 Datasheet HTML 3Page - STMicroelectronics L6701 Datasheet HTML 4Page - STMicroelectronics L6701 Datasheet HTML 5Page - STMicroelectronics L6701 Datasheet HTML 6Page - STMicroelectronics L6701 Datasheet HTML 7Page - STMicroelectronics L6701 Datasheet HTML 8Page - STMicroelectronics L6701 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
L6701
2 Pins description and connection diagrams
5/44
2
Pins description and connection diagrams
Figure 1.
Pins connection (Top view)
2.1
Pin description
Table 1.
Pins description
Pin n
°
Name
Function
1SGND
All the internal references are referred to this pin. Connect to the PCB Signal
Ground.
2VCC
Device Power Supply and LS driver supply.
Operative voltage is 12V ±15%. Filter with at least 1
µF MLCC vs. ground.
3LGATE1
Channel 1 LS Driver Output.
A small series resistor helps in reducing device-dissipated power.
4
PGND
LS Drivers return path. Connect to Power ground Plane.
5LGATE2
Channel 2 LS Driver Output.
A small series resistor helps in reducing device-dissipated power.
6LGATE3
Channel 3 LS Driver Output.
A small series resistor helps in reducing device-dissipated power.
7
BOOT1
Channel 1 HS driver supply.
Connect through a capacitor (100nF typ.) to PHASE1 and provide necessary
Bootstrap diode.
A small series resistor upstream the boot diode helps in reducing Boot capacitor
overcharge.
8UGATE1
Channel 1 HS driver output.
A small series resistors helps in reducing device-dissipated power.
9
PHASE1
Channel 1 HS driver return path.
It must be connected to the HS1 MOSFET source and provides return path for
the HS driver of channel 1.
21
22
23
24
25
26
27
28
29
30
31
32
1
2
3
4
5
6
7
8
9
10
11
12
VID0
VID5
FBR
FBG
ISEN3
ISEN2
ISEN1
CS+
CS-
VSEN
FB
COMP
PHASE2
UGATE2
BOOT2
PHASE1
UGATE1
BOOT1
LGATE3
LGATE2
PGND
LGATE1
VCC
SGND
19
20
VID4
VID3
VID2
VID1
13
14
15
16
SSEND / PGOOD
PHASE3
UGATE3
BOOT3
17
18
OSC / EN / FAULT
DAC_SEL
REF_IN
REF_OUT
33
34
35
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com