Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6701 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6701
Description  3 Phase Controller for VR10, VR9 and K8 CPUs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6701 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6701 Datasheet HTML 17Page - STMicroelectronics L6701 Datasheet HTML 18Page - STMicroelectronics L6701 Datasheet HTML 19Page - STMicroelectronics L6701 Datasheet HTML 20Page - STMicroelectronics L6701 Datasheet HTML 21Page - STMicroelectronics L6701 Datasheet HTML 22Page - STMicroelectronics L6701 Datasheet HTML 23Page - STMicroelectronics L6701 Datasheet HTML 24Page - STMicroelectronics L6701 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
L6701
10 Output Voltage Positioning
21/44
10
Output Voltage Positioning
Output voltage positioning is performed by selecting the reference DAC and by programming
the Droop Function and Offset to the reference (See Figure 7). The current (IDROOP) sourced
from the FB pin, directly proportional to the read current, causes the output voltage to vary
according to the external RFB resistor so implementing the desired load-line resistance. The
current (IOS) sourced from the REF_IN pin causes the reference voltage to be offset according
to the resistance RFB connected.
The output voltage is then driven by the following relationship:
Both DROOP and OFFSET function can be disabled: see Section 10.1 and Section 10.3 for
details.
Figure 7.
Voltage Positioning
10.1
Load-Line (Droop Function - Optional)
This method "recovers" part of the drop due to the output capacitor ESR in the load transient,
introducing a dependence of the output voltage on the load current: a static error proportional to
the output current causes the output voltage to vary according to the sensed current.
Figure 8 shows the typical Current-Sense Circuit used to implement the Droop-Function in low-
cost application (saves component count). The current flowing across the three inductors is
read through the RPH - CPH filter across CS+ and CS- pins. RD programs a trans-conductance
gain and generates a current ICS proportional to the average of the currents of the three
phases. The current ICS is then mirrored and, multiplied by three, sourced by the FB pin
(IDROOP). RFB gives the final gain to program the desired load-line slope.
Considering the scheme reported on Figure 8, it is possible to observe that:
Time constant matching between the inductor (L / DCR) and the current reading filter
(
) is required to implement a real equivalent output impedance of the system so
avoiding over and/or under shoot of the output voltage as a consequence of a load transient. It
results:
V
OUT
VID
R
OS
I
OS
⋅
R
FB
I
DR O OP
⋅
–
+
=
VID
FB
COMP
VSEN
64k
FBR
FBG
64k
RF
CF
RFB
To Vcore
(Remote Sense)
REF_IN
REF_OUT
ROS
COS
I
CS
I
OUT
3
------------
1s L
⋅
DCR
⁄
+
1s R
⋅
PH
C
⋅
PH
3
⁄
+
----------------------------------------------------
DCR
R
D
-------------
⋅⋅
=
R
PH
C
PH 3
⁄
⋅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com