Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6701 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6701
Description  3 Phase Controller for VR10, VR9 and K8 CPUs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6701 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6701 Datasheet HTML 18Page - STMicroelectronics L6701 Datasheet HTML 19Page - STMicroelectronics L6701 Datasheet HTML 20Page - STMicroelectronics L6701 Datasheet HTML 21Page - STMicroelectronics L6701 Datasheet HTML 22Page - STMicroelectronics L6701 Datasheet HTML 23Page - STMicroelectronics L6701 Datasheet HTML 24Page - STMicroelectronics L6701 Datasheet HTML 25Page - STMicroelectronics L6701 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
10 Output Voltage Positioning
L6701
22/44
=>
The device forces IDROOP = ICSx3, proportional to the read current, into the feedback resistor
RFB implementing the load regulation dependence. The output characteristic vs. load current is
then given by (Offset disabled):
Where RLL is the resulting load-line resistance implemented by the system.
The whole power supply can be then represented by a "real" voltage generator with an
equivalent output resistance RLL and a voltage value of VID.
RFB resistor can be then designed according to the RLL specifications as follow:
where RD is typically designed to have ICS = 35µA at the maximum output current (OCP).
Caution:
Droop function is optional, in case it is not desired, the Current Sense circuit can be modified so
that the device always read a null current (See Figure 8). To do this, it is enough to connect
CS+ directly to the output voltage leaving CS- unconnected. The reaction will keep CS+ and
CS- at the same voltage, always reading a null current and also assuring the FB disconnection
protection to be effective.
Figure 8.
Droop Function Current Reading Network
10.2
Fully-Differential Load-Line (Droop Function - Optional)
Fully-Differential current-reading for voltage-positioning allows the designer to save time in the
application fine-tuning since the BOM so obtained becomes layout-independent. The patent-
pending topology offered by L6701 allow implementing fully-differential current-sense still using
only two current-sense pins (CS+ and CS-). Figure 9 shows the typical Current-Sense Circuit
used to implement the Fully-Differential Droop-Function. The current flowing across the three
inductors is read through an RPH - CPH filter for each phase as well as an RD is required for
each phase to program the trans-conductance-gain. As previously mentioned, a current ICS
proportional to the average of the currents of the three phases is internally generated, mirrored
L
DCR
-------------
R
PH
C
⋅
PH
3
---------------------------
=
I
CS
I
OUT
3
------------
DCR
R
D
-------------
⋅
=
V
OUT
VID
R
FB
I
DROOP
⋅
–
VID
R
FB
DCR
R
D
------------- IOUT
⋅⋅
–
VID
R
LL
I
OUT
⋅
–
==
=
R
FB
R
LL
R
D
DCR
-------------
⋅
=
L2
L1
L3
DCR1
DCR2
DCR3
CPH
RD
PHASE3
PHASE2
PHASE1
VOUT
ICS
CS+
CS-
FB
IDROOP
x 3
RF
CF
RFB
COMP
L2
L1
L3
DCR1
DCR2
DCR3
PHASE3
PHASE2
PHASE1
VOUT
ICS
CS+
CS-
FB
IDROOP
x 3
RF
CF
RFB
COMP
Droop Function Enabled
Droop Function Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com