Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6701 Datasheet(PDF) 37 Page - STMicroelectronics

Part # L6701
Description  3 Phase Controller for VR10, VR9 and K8 CPUs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6701 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L6701 Datasheet HTML 33Page - STMicroelectronics L6701 Datasheet HTML 34Page - STMicroelectronics L6701 Datasheet HTML 35Page - STMicroelectronics L6701 Datasheet HTML 36Page - STMicroelectronics L6701 Datasheet HTML 37Page - STMicroelectronics L6701 Datasheet HTML 38Page - STMicroelectronics L6701 Datasheet HTML 39Page - STMicroelectronics L6701 Datasheet HTML 40Page - STMicroelectronics L6701 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
L6701
15 System Control Loop Compensation
37/44
15.1
Compensation Network Guidelines
The Compensation Network design assures to having system response according to the cross-
over frequency selected and to the output filter considered: it is anyway possible to further fine-
tune the compensation network modifying the bandwidth in order to get the best response of
the system as follow (See Figure 19):
●
Increase RF to increase the system bandwidth accordingly;
●
Decrease RF to decrease the system bandwidth accordingly;
●
Increase CF to move ωF to low frequencies increasing as a consequence the system
phase margin.
Having the fastest compensation network gives not the confidence to satisfy the requirements
of the load: the inductor still limits the maximum dI/dt that the system can afford. In fact, when a
load transient is applied, the best that the controller can do is to “saturate” the duty cycle to its
maximum (dMAX) or minimum (0) value. The output voltage dV/dt is then limited by the inductor
charge / discharge time and by the output capacitance. In particular, the most limiting transition
corresponds to the load removal since the inductor results being discharged only by VOUT
(while it is charged by dMAXVIN-VOUT during a load appliance).
Referring to Figure 19-left, further tuning the Compensation network cannot give any
improvements unless the output filter changes: only modifying the main inductors or the output
capacitance improves the system response.
Figure 19. Best Load Transient achievable (d=0) and RF-CF impact on Bandwidth.
dB
ω
ZF(s)
GLOOP(s)
K
ω
LC = ωF
ω
ESR
ω
T
RF[dB]
RF
CF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com