Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP112B Datasheet(PDF) 16 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # TMP112B
Description  Temperature range: -55°C ~ 150°C
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

TMP112B Datasheet(HTML) 16 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button TMP112B Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 12Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 13Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 14Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 15Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 16Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 17Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Figure 10. Noise Reduction Techniques
Application and Implementation
NOTE
The following contents are the precautions for TMP112B recommended by UTD Semiconductor Co.,Limited .
in practical applications. Customers are responsible for determining suitability of components for their purposes.
Customers should validate and test their design implementation to confirm system functionality.
The TMP112B device requires pull-up resistors on the SCL, SDA, and ALERT pins, as shown in
Figure 9, the recommended value for the pull-up resistors is 5kΩ. In some applications the pull-up resistor can be
lower or higher than 5kΩ but must not exceed 3mA of current on any of those pins.
The TMP112B device is a very low-power device and generates very low noise on the supply bus.
Applying an RC filter to the V+ pin of the TMP112B device can further reduce any noise that the device might
propagate to other components. RF in Figure 10 must be less than 5kΩ and CF must be greater than 10nF.
Place the device in close proximity to the heat source that must be monitored, with a proper layout for good
Figure 9. Typical Connections of the TMP112B
thermal coupling. This placement ensures that temperature changes are captured within the shortest possible time
interval. To maintain accuracy in applications that require air or surface temperature measurement, take care to
isolate the package and leads from ambient air temperature. A thermally-conductive adhesive is helpful in achieving
accurate surface temperature measurement.
www.umw-ic.com
16
友台半导体有限公司
UMW
R
TMP112B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com