Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP112B Datasheet(PDF) 12 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # TMP112B
Description  Temperature range: -55°C ~ 150°C
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

TMP112B Datasheet(HTML) 12 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button TMP112B Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 12Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 13Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 14Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 15Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 16Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Figure 8. Internal Register Structure
Table 6 lists the pointer address of the registers available in the TMP112B device. During a write
command, bytes P2 through P7 must always be 0.
Table 6. Pointer Address
P1
P0
REGISTER
0
0
Temperature Register (Read Only)
0
1
Configuration Register (Read/Write)
1
0
TLOW Register (Read/Write)
1
1
THIGH Register (Read/Write)
Register Descriptions
Pointer Register
Figure 8 shows the internal register structure of the TMP112B device. The 8-bit Pointer Register of the
device is used to address a given data register. The Pointer Register uses the two LSBs (see Table 6) to
identify which of the data registers must respond to a read or write command. The power-up reset value of P1/P0
is '00'. By default, the TMP112B reads the temperature on power-up.
Table 7. Pointer Register Byte
P7
P6
P5
P4
P3
P2
P1
P0
0
0
0
0
0
0
Register Bits
www.umw-ic.com
12
友台半导体有限公司
UMW
R
TMP112B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com