Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP112B Datasheet(PDF) 13 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # TMP112B
Description  Temperature range: -55°C ~ 150°C
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

TMP112B Datasheet(HTML) 13 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button TMP112B Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 12Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 13Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 14Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 15Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 16Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 17Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Temperature Register
The Temperature Register of the TMP112B device is configured as a 12-bit or 13-bit read-only register
(setting the EM bit to 0 or 1) that stores the output of the most recent conversion. Two bytes must be read to obtain
data and are listed in Table 8 and Table 9. Byte 1 is the most significant byte (MSB), followed by byte 2, the least
significant byte (LSB). The T11~T0 bits (T12~T0 bits in extended mode) are used to indicate temperature. Byte 2
does not have to be read if that information is not needed. The D0 bit of byte 2 in the temperature register indicates
whether the device is in normal mode (D0=0) or extended mode (D0=1) at this time, which can be used to
distinguish the format of the two temperature register data.
Table 8. Byte 1 of Temperature Register
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
1
T11
T10
T9
T8
T7
T6
T5
T4
(
T12)
(
T11)
(
T10)
(
T9)
(
T8)
(
T7)
(
T6)
(
T5)
Table 9. Byte 2 of Temperature Register
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
1
T3
T2
T1
T0
0
0
0
0
(
T4)
(
T3)
(
T2)
(
T1)
(
T0)
(
0)
(
0)
(
1)
Temperature Limit Register
The temperature limits are stored in the THIGH and TLOW registers in the same format as the temperature result,
and can be configured as 12-bit or 13-bit according to the value of the EM bit. Table 10 and Table 11 list the format
for the THIGH and TLOW registers, the configuration in extended mode is in brackets. The power-up reset values for
THIGH and TLOW are:
THIGH = +80℃;TLOW = +75℃
Table 10. Byte 1 and 2 of THIGH Register
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
1
H11
H10
H9
H8
H7
H6
H5
H4
(
H12)
(
H11)
(
H10)
(
H9)
(
H8)
(
H7)
(
H6)
(
H5)
2
H3
H2
H1
H0
0
0
0
0
(
H4)
(
H3)
(
H2)
(
H1)
(
H0)
(
0)
(
0)
(
0)
Table 11. Byte 1 and 2 of TLOW Register
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
1
L11
L10
L9
L8
L7
L6
L5
L4
(
L12)
(
L11)
(
L10)
(
L9)
(
L8)
(
L7)
(
L6)
(
L5)
2
L3
L2
L1
L0
0
0
0
0
(
L4)
(
L3)
(
L2)
(
L1)
(
L0)
(
0)
(
0)
(
0)
www.umw-ic.com
13
友台半导体有限公司
UMW
R
TMP112B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com