Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP112B Datasheet(PDF) 8 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # TMP112B
Description  Temperature range: -55°C ~ 150°C
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

TMP112B Datasheet(HTML) 8 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button TMP112B Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 12Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
In interrupt mode (TM=1), the ALERT pin will be activated when the temperature measurement result equals or
exceeds THIGH continuously for a number of times to the value defined by F1/F0 (as shown in Table 4). The ALERT
pin remains active until it is cleared by one of three events: a read of any register, a successful SMBus alert response,
or a shutdown command. After the ALERT pin is cleared, the device starts to compare temperature readings with the
TLOW. The ALERT pin becomes active again only when the temperature drops below TLOW for a consecutive number
of conversions as set by F1/F0 bits. The ALERT pin remains active until cleared by any of the same three clearing
events. The user can also reset the TMP112B to clear the ALERT pin state by using the global response reset
command (General Call). This operation also resets other internal registers in the TMP112B and returns
the device to compare mode (TM=0). Table 4 shows the specific configuration of the F1/F0 bits.
Table 4. Number of Over-Temperature Required to Activate the ALERT Pin
F1
F0
REQUIRED NUMBER (TIMES)
0
0
1 (Default)
0
1
2
1
0
4
1
1
6
The polarity bit (POL) in the configuration register allows the user to adjust the polarity of the ALERT pin output.
If the POL bit is set to 0 (default), the ALERT pin becomes active low. When POL bit is set to 1, the ALERT pin
becomes active high. The above situations are shown in Figure 4.
Serial Interface
Bus Overview
The TMP112B is compatible with SMBus and I2C interfaces. In the SUMBus protocol, the device that
initiates the transfer is called a master, and the devices controlled by the master are slaves. The bus must be
controlled by a master device that generates the serial clock (SCL), controls the bus access, and generates the
START and STOP conditions. To address a specific device, a START condition is initiated, indicated by pulling the
data line (SDA) from a high- to low-logic level when the SCL pin is high. All slaves on the bus receive the 8-bits slave
address on the rising edge of the clock, and the last bit indicates whether a read or write operation is intended. During
the ninth clock pulse,
the addressed slave generates an acknowledge and pulls the SDA pin low to respond to the master. A data transfer
is then initiated and sent over eight clock pulses followed by an acknowledge bit. When all data are transferred, the
master generate a STOP signal to end the communication by pulling SDA from low to high when SCL is high.
During the data transfer, the SDA pin must remain stable when the SCL pin is high because any change in the
SDA pin when the SCL pin is high is interpreted as a START or STOP signal.
www.umw-ic.com
8
友台半导体有限公司
UMW
R
TMP112B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com