Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP112B Datasheet(PDF) 14 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # TMP112B
Description  Temperature range: -55°C ~ 150°C
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

TMP112B Datasheet(HTML) 14 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button TMP112B Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 12Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 13Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 14Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 15Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 16Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112B Datasheet HTML 17Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
ConfigurationRegister
The Configuration Register is a 16-bit read/write register used to store bits that control the operational modes of
the temperature sensor. Read/write operations are performed MSB first. Table 12 and Table 13 list the format and
power-up and reset values of the configuration register.
Table 12. Configuration Register High Byte
BIT
FIELD
DEFAULT
DESCRIPTION
7
OS(R)
0
One-Shot and Conversion Completion Flag
1 = Temperature not converting
0 = Temperature is converting
6
R1(R)
1
Set to 11 on Power-up
Temperature measurement resolution is 12bits
5
R0(R)
1
4
F1(R/W)
0
Flag Bit for the Number of Over-Temperature
Required to Activate the ALERT Pin
00 = 1 time(Default)
01 = 2 times
10 = 4 times
11 = 6 times
3
F0(R/W)
0
2
POL(R/W)
0
ALERT Pin Polarity Flag
1 = ALERT pin is high when activated
0 = ALERT pin is low when activated
1
TM(R/W)
0
Device Working Mode Flag Bit
1 = Interrupt mode
0 = Comparator mode
0
SD(R/W)
0
Shutdown Mode Flag
1 = Shutdown mode
0 = Continuous conversion mode
www.umw-ic.com
14
友台半导体有限公司
UMW
R
TMP112B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com