Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3500 Datasheet(PDF) 13 Page - SMSC Corporation

Part # USB3500
Description  Hi-Speed USB Host, Device or OTG PHY With UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3500 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button USB3500 Datasheet HTML 9Page - SMSC Corporation USB3500 Datasheet HTML 10Page - SMSC Corporation USB3500 Datasheet HTML 11Page - SMSC Corporation USB3500 Datasheet HTML 12Page - SMSC Corporation USB3500 Datasheet HTML 13Page - SMSC Corporation USB3500 Datasheet HTML 14Page - SMSC Corporation USB3500 Datasheet HTML 15Page - SMSC Corporation USB3500 Datasheet HTML 16Page - SMSC Corporation USB3500 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
Hi-Speed USB Host, Device or OTG PHY With UTMI+ Interface
Datasheet
SMSC USB3500
13
Revision 1.0 (04-04-05)
DATASHEET
28
VDD3.3
N/A
N/A
3.3V PHY Supply. Provides power for USB2.0
Transceiver, UTMI+ Digital, Digital I/O, and
Regulators.
29
HOSTDISC
Output
High
Host Disconnect. In HS Host mode this indicates to
that a downstream device has been disconnected.
Automatically reset to 0b when Low Power Mode is
entered.
30
DISCHRGVBUS
Input
High
Discharge VBUS through a resistor to ground.
0: do not discharge VBUS
1: discharge VBUS
31
SESSEND
Output
High
Session End. Indicates that the voltage on Vbus is
below its B-Device Session End threshold.
0: VBUS > VSessEnd
1: VBUS < VSessEnd
32
DATA[7]
I/O,
CMOS,
Pull-low
N/A
8-bit bi-directional data bus. Data[7] is the MSB and
Data[0] is the LSB.
33
DATA[6]
I/O,
CMOS,
Pull-low
N/A
34
DATA[5]
I/O,
CMOS,
Pull-low
N/A
35
DATA[4]
I/O,
CMOS,
Pull-low
N/A
36
DATA[3]
I/O,
CMOS,
Pull-low
N/A
37
DATA[2]
I/O,
CMOS,
Pull-low
N/A
38
DATA[1]
I/O,
CMOS,
Pull-low
N/A
39
DATA[0]
I/O,
CMOS,
Pull-low
N/A
40
VSS
Ground
N/A
PHY ground.
41
RXVALID
Output
High
Receive Data Valid. Indicates that the DATA bus has
received valid data. The Receive Data Holding
Register is full and ready to be unloaded. The Link
is expected to register the DATA bus on the next
rising edge of CLKOUT.
42
SESSVLD
Output
High
Session Valid. Indicates that the voltage on Vbus is
above the indicated threshold.
0: VBUS < VSessVld
1: VBUS > VSessVld
Table 3.1 USB3500 Pin Definitions (continued)
PIN
NAME
DIRECTION,
TYPE
ACTIVE
LEVEL
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com