Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3500 Datasheet(PDF) 7 Page - SMSC Corporation

Part # USB3500
Description  Hi-Speed USB Host, Device or OTG PHY With UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3500 Datasheet(HTML) 7 Page - SMSC Corporation

Back Button USB3500 Datasheet HTML 3Page - SMSC Corporation USB3500 Datasheet HTML 4Page - SMSC Corporation USB3500 Datasheet HTML 5Page - SMSC Corporation USB3500 Datasheet HTML 6Page - SMSC Corporation USB3500 Datasheet HTML 7Page - SMSC Corporation USB3500 Datasheet HTML 8Page - SMSC Corporation USB3500 Datasheet HTML 9Page - SMSC Corporation USB3500 Datasheet HTML 10Page - SMSC Corporation USB3500 Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
Hi-Speed USB Host, Device or OTG PHY With UTMI+ Interface
Datasheet
SMSC USB3500
7
Revision 1.0 (04-04-05)
DATASHEET
Chapter 1 General Description
The USB3500 is a stand-alone Hi-Speed USB Physical Layer Transceiver (PHY). The USB3500 uses
a UTMI+ interface to connect to an SOC or FPGA or custom ASIC. The USB3500 provides a flexible
alternative to integrating the analog PHY block for new designs.
The USB3500 provides a fully compliant USB2.0 interface, and supports High-Speed (HS), Full-Speed
(FS), and Low-Speed (LS) USB. The USB3500 supports all levels of the UTMI+ specification as shown
in Figure 1.2.
The USB3500 can also, as an option, fully support the On-the-Go (OTG) protocol defined in the On-
The-Go Supplement to the USB2.0 Specification. On-the-Go allows the Link to dynamically configure
the USB3500 as host or peripheral configured dynamically by software. For example, a cell phone may
connect to a computer as a peripheral to exchange address information or connect to a printer as a
host to print pictures. Finally the OTG enabled device can connect to another OTG enabled device to
exchange information. All this is supported using a single low profile Mini-AB USB connector.
Designs not needing OTG can ignore the OTG feature set.
Figure 1.1 Basic UTMI+ USB Device Block Diagram
SOC/FPGA/ASIC
Including Device Controller
USB3500
USB 2.0
Analog
w/ OTG
USB
Connector
(Standard
or Mini)
DM
V
BUS
DP
ID
Hi-Speed
USB App.
UTMI+
Interface
UTMI+
Digital
Logic
UTMI+
Link



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com