Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3500 Datasheet(PDF) 32 Page - SMSC Corporation

Part # USB3500
Description  Hi-Speed USB Host, Device or OTG PHY With UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3500 Datasheet(HTML) 32 Page - SMSC Corporation

Back Button USB3500 Datasheet HTML 28Page - SMSC Corporation USB3500 Datasheet HTML 29Page - SMSC Corporation USB3500 Datasheet HTML 30Page - SMSC Corporation USB3500 Datasheet HTML 31Page - SMSC Corporation USB3500 Datasheet HTML 32Page - SMSC Corporation USB3500 Datasheet HTML 33Page - SMSC Corporation USB3500 Datasheet HTML 34Page - SMSC Corporation USB3500 Datasheet HTML 35Page - SMSC Corporation USB3500 Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
Hi-Speed USB Host, Device or OTG PHY With UTMI+ Interface
Datasheet
Revision 1.0 (04-04-05)
32
SMSC USB3500
DATASHEET
7.2
OPMODES
The OPMODE[1:0] pins allow control of the operating modes.
The OPMODE[1:0] signals are normally changed only when the transmitter and the receiver are
quiescent, i.e. when entering a test mode or for a device initiated resume.
When using OPMODE[1:0] = 10, the SYNC and EOP patterns are not transmitted.
The only exception to this is when OPMODE[1:0] is set to 10 while TXVALID has been asserted (the
transceiver is transmitting a packet), in order to flag a transmission error. In this case, the USB3500
has already transmitted the SYNC pattern so upon negation of TXVALID the EOP must also be
transmitted to properly terminate the packet. Changing the OPMODE[1:0] signals under all other
conditions (while the transceiver is transmitting or receiving data) will generate undefined results.
7.3
Test Mode Support
1
0
LS-J
FS-K
Invalid
!Squelch &
!HS Differential
Receiver Output
1
1
SE1
SE1
Invalid
Invalid
Table 7.3 Operational Modes
MODE[1:0]
STATE NAME
DESCRIPTION
00
Normal Operation
Transceiver operates with normal USB data encoding and decoding
01
Non-Driving
Allows the transceiver logic to support a soft disconnect feature which tri-
states both the HS and FS transmitters, and removes any termination from
the USB making it appear to an upstream port that the device has been
disconnected from the bus
10
Disable Bit Stuffing
and NRZI encoding
Disables bitstuffing and NRZI encoding logic so that 1's loaded from the
DATA bus become 'J's on the DP/DM and 0's become 'K's
11
Reserved
N/A
Table 7.4 USB2.0 Test Modes
USB2.0 TEST MODES
USB3500 SETUP
OPERATIONAL MODE
LINK TRANSMITTED
DATA
XCVRSELECT &
TERMSELECT
SE0_NAK
State 0
No transmit
HS
J
State 2
All '1's
HS
K
State 2
All '0's
HS
Test_Packet
State 0
Test Packet data
HS
Table 7.2 Host Linestate States (DPPD & DMPD = 1) (continued)
STATE OF DP/DM LINES
LINESTATE[1:0]
LOW SPEED
XCVRSEL[1:0]=10
TERMSELECT=1
FULL SPEED
XCVRSEL[1:0]=01
TERMSELECT=1
HIGH SPEED
XCVRSEL[1:0]=00
TERMSELECT=0
OPMODE=00/01
CHIRP MODE
XCVRSEL[1:0]=00
TERMSELECT=0
OPMODE=10
LS[1]
LS[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com