Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3500 Datasheet(PDF) 44 Page - SMSC Corporation

Part # USB3500
Description  Hi-Speed USB Host, Device or OTG PHY With UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3500 Datasheet(HTML) 44 Page - SMSC Corporation

Back Button USB3500 Datasheet HTML 38Page - SMSC Corporation USB3500 Datasheet HTML 39Page - SMSC Corporation USB3500 Datasheet HTML 40Page - SMSC Corporation USB3500 Datasheet HTML 41Page - SMSC Corporation USB3500 Datasheet HTML 42Page - SMSC Corporation USB3500 Datasheet HTML 43Page - SMSC Corporation USB3500 Datasheet HTML 44Page - SMSC Corporation USB3500 Datasheet HTML 45Page - SMSC Corporation USB3500 Datasheet HTML 46Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
Hi-Speed USB Host, Device or OTG PHY With UTMI+ Interface
Datasheet
Revision 1.0 (04-04-05)
44
SMSC USB3500
DATASHEET
Note: Note: Should a device attached to the host be a LS device, then the 1.5 K ohm pull-up is
applied to DM. The following discussion does not apply to a LS device attached.
At T2, the Host has detected the FS device attached to the USB bus. At this time the Host will reset
the bus by driving a SE0. The SE0 is created by switching to HS Mode and activating the HS
termination by de-asserting Termselect. The 45 ohm high speed terminations pull the bus to SE0.
At T3, the Device will respond to the SE0 by driving a “Device Chirp K” onto the bus. The “Device
Chirp K” is driven with Opmode = 10b so that bitstuffing and NRZI encoding is disabled.
During T3 the HS host will see the “Device Chirp K” and prepare to respond to the device by setting
Opmode = 10b to disable the bitstuffing and NRZI encoding.
At T4, the Device will stop driving a the Chirp K, letting the bus return to SE0, and wait for the Host
to respond. The device removes the K by de-asserting Txvalid. The device will have driven the K for
a minimum of 1mS. The Host sees the linestate change from K to SE0.
At T5, the host begins transmitting K-J pairs to the device. Each K or J is 40-60uS long and the K-J
pairs are repeated for the remainder of the 10mS USB reset.
At T6, the device has detected 3 K-J pairs. The device switches the Termselect low and changes
Opmode to 00b. The device is now in high speed and waits for the first SOF packet from the upstream
host. When Termselect is de-asserted, the HS termination is activated which lowers the amplitude of
the K-J pairs.
At T7, the host ends the K-J pairs and switches to normal HS mode by changing Opmode to 00b.
At T8, the Host sends the first SOF packet. This is done by putting the SOF PID 0xA5 on the data
bus and asserting Txvalid. The link transfers the SOF packet. After, the SOF packet a normal high
speed USB session started.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com