Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3500 Datasheet(PDF) 1 Page - SMSC Corporation

Part # USB3500
Description  Hi-Speed USB Host, Device or OTG PHY With UTMI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3500 Datasheet(HTML) 1 Page - SMSC Corporation

  USB3500 Datasheet HTML 1Page - SMSC Corporation USB3500 Datasheet HTML 2Page - SMSC Corporation USB3500 Datasheet HTML 3Page - SMSC Corporation USB3500 Datasheet HTML 4Page - SMSC Corporation USB3500 Datasheet HTML 5Page - SMSC Corporation USB3500 Datasheet HTML 6Page - SMSC Corporation USB3500 Datasheet HTML 7Page - SMSC Corporation USB3500 Datasheet HTML 8Page - SMSC Corporation USB3500 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
SMSC USB3500
DATASHEET
Revision 1.0 (04-04-05)
Datasheet
PRODUCT FEATURES
USB3500
Hi-Speed USB Host,
Device or OTG PHY
With UTMI+ Interface
■ USB-IF “Hi-Speed” certified to the Universal Serial
Bus Specification Rev 2.0
■ Interface compliant with the UTMI+ Specification,
Revision 1.0.
■ Includes full support for the optional On-The-Go
(OTG) protocol detailed in the On-The-Go
Supplement Revision 1.0a specification.
■ Functional as a host, device or OTG PHY.
■ Supports HS, FS, and LS data rates.
■ Supports FS pre-amble for FS hubs with a LS device
attached (UTMI+ Level 3)
■ Supports HS SOF and LS keep alive pulse.
■ Supports Host Negotiation Protocol (HNP) and
Session Request protocol (SRP.)
■ Internal comparators support OTG monitoring of
VBUS levels.
■ Low Latency Hi-Speed Receiver (43 Hi-Speed clocks
Max)
■ Internal 1.8 volt regulators allow operation from a
single 3.3 volt supply
■ Internal short circuit protection of ID, DP and DM
lines to VBUS or ground.
■ Integrated 24MHz Crystal Oscillator supports either
crystal operation or 24MHz external clock input.
■ Internal PLL for 480MHz Hi-Speed USB operation.
■ Supports USB2.0 and legacy USB 1.1 devices
■ 55mA Unconfigured Current (typical) - ideal for bus
powered applications.
■ 83uA suspend current (typical) - ideal for battery
powered applications.
■ Full Commercial operating temperature range from
0C to +70C
■ 56 Pin QFN package; green, lead-free (8 x 8 x 0.90
mm height)


Similar Part No. - USB3500

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB3500 MICROCHIP-USB3500 Datasheet
792Kb / 45P
Hi-Speed USB Host, Device or OTG PHY
07/14/15
logo
Global Connector Techno...
USB3500 GCT-USB3500 Datasheet
259Kb / 4P
Micro USB Type B Receptacle,Mid-Mount,IP67
16th January 2019
More results

Similar Description - USB3500

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB3450 SMSC-USB3450 Datasheet
1Mb / 40P
HI-SPEED USB HOST OR DEVICE PHY WITH UTMIINTERFACE
USB3280 SMSC-USB3280 Datasheet
977Kb / 42P
Hi-Speed USB Device PHY with UTMI Interface
USB3300 SMSC-USB3300_06 Datasheet
719Kb / 49P
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
USB3300 SMSC-USB3300_07 Datasheet
960Kb / 55P
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
logo
Microchip Technology
USB3300-EZK MICROCHIP-USB3300-EZK Datasheet
676Kb / 59P
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Revision 1.1 01-24-13
USB3300-EZK MICROCHIP-USB3300-EZK Datasheet
676Kb / 59P
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Revision 1.1 01-24-13
USB3300 MICROCHIP-USB3300 Datasheet
1Mb / 53P
Hi-Speed USB Host, Device or OTG PHY
01/27/15
USB3500 MICROCHIP-USB3500 Datasheet
792Kb / 45P
Hi-Speed USB Host, Device or OTG PHY
07/14/15
USB3450 MICROCHIP-USB3450 Datasheet
740Kb / 39P
Hi-Speed USB Host or Device PHY With UTMI Interface
07/14/15
USB3280 MICROCHIP-USB3280 Datasheet
739Kb / 44P
Hi-Speed USB Device PHY with UTMI Interface
01/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com