Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRT Datasheet(PDF) 2 Page - RFE international

Part # LRT
Description  SURFACE MOUNT METAL FILM RESISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

LRT Datasheet(HTML) 2 Page - RFE international

  LRT Datasheet HTML 1Page - RFE international LRT Datasheet HTML 2Page - RFE international LRT Datasheet HTML 3Page - RFE international LRT Datasheet HTML 4Page - RFE international LRT Datasheet HTML 5Page - RFE international LRT Datasheet HTML 6Page - RFE international LRT Datasheet HTML 7Page - RFE international LRT Datasheet HTML 8Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Page 2 of 8
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
ELECTRICAL CHARACERISTICS & RESISTANCE RANGE
STANDARD TYPE
±0.25% (C)
±0.5% (D), ±1.0% (F)
±2.0% (G), ±5.0% (J)
0.05
1.00
2.50
0.1
1.41
3.16
0.2
2.00
4.47
0.0625
1.12
2.80
0.125
1.58
3.54
0.25
2.24
5.00
0.1
1.41
3.54
0.2
2.00
4.47
0.4
2.83
6.32
0.25
2.53
6.33
0.5
3.58
8.00
1
5.06
11.32
0.5
3.58
8.95
1
5.06
11.32
0.75
2.74
6.85
1.5
3.87
8.66
1
3.16
7.91
2
4.47
10.00
3
5.48
12.25
50mΩ ≤ R < 100mΩ
--------------------
100mΩ ≤ R ≤ 10Ω
Resistance Range
Size
Code
Rating
Power
at 70°C
(W)
T.C.R.
(ppm/°C)
Max.
Rating
Current
(A)
Max.
Overload
Current
(A)
0201
0402
0603
±150
----------
±100
----------
±50
0.125
1.79
4.48
0.25
2.53
5.66
3.58
8.00
±100
----------
±50
2512
±50
470mΩ ≤ R ≤ 10Ω
100mΩ ≤ R ≤ 10Ω
39mΩ ≤ R < 50mΩ
--------------------
50mΩ ≤ R < 100mΩ
--------------------
100mΩ ≤ R ≤ 10Ω
1206
1210
±150
----------
±100
----------
±50
--------------------
--------------------
470mΩ ≤ R ≤ 10Ω
39mΩ ≤ R < 50mΩ
--------------------
50mΩ ≤ R < 100mΩ
--------------------
100mΩ ≤ R ≤ 10Ω
2010
0805
0.5
2022.04.20
SURFACE MOUNT METAL FILM RESISTORS
LRT Series: Low Resistance, Low T.C.R.
RoHS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com