Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRT Datasheet(PDF) 1 Page - RFE international

Part # LRT
Description  SURFACE MOUNT METAL FILM RESISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

LRT Datasheet(HTML) 1 Page - RFE international

  LRT Datasheet HTML 1Page - RFE international LRT Datasheet HTML 2Page - RFE international LRT Datasheet HTML 3Page - RFE international LRT Datasheet HTML 4Page - RFE international LRT Datasheet HTML 5Page - RFE international LRT Datasheet HTML 6Page - RFE international LRT Datasheet HTML 7Page - RFE international LRT Datasheet HTML 8Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
L
T1
T1
T2
T2
W
H
APPLICATION
• Consumer electronics
• Computer & relative products
• Communication devices
• Measuring instrument
• Industrial / Power supply
FEATURES
• Low Resistance, Low TCR, Inductance
• High precision current sensing
• High power capability
• Halogen free and lead free
Page 1 of 8
SURFACE MOUNT METAL FILM RESISTORS
LRT Series: Low Resistance, Low T.C.R.
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
2022.04.20
PART NUMBER EXAMPLE
DIMENSIONS (unit : mm)
LRMA
2512
20
F
R001
M
Z
Optional
A : For
Automotive
Grade
Material
S : MnCuSn
M : MnCu
F : FeCrAl
C : Cu
Resistance
0m20 = 0.2mR
2m50 = 2.5mR
R005 = 5.0mR
R100 = 100mR
R500 = 500mR
Tolerance
D = ±0.5%
F = ±1%
G = ±2%
J = ±5%
Rated
Power
07 = 0.75W
10 = 1.00W
20 = 2.00W
30 = 3.00W
40 = 4.00W
50 = 5.00W
Size
Code
1206
2512
2725
2728
4527
Product
Type
EX:
0201
1210
2512
0508
1225
Y5=0.05W
Y6=0.063W
01=0.10W
X1=0.125W
02=0.20W
X2=0.25W
04=0.40W
05=0.50W
07=0.75W
10=1.00W
15=1.50W
20=2.00W
30=3.00W
A : For
Automotive
Grade
Z : Default
LRT
P
05
Paper Taping
P: 0603~1210
Q: 0201ˎ0402
E: Embossed
Taping
Package
Quantity
per Reel
04 : 4000
05 : 5000
10 : 10000
C : ±0.25%
D : ±0.5%
F : ±1%
G : ±2%
J : ±5%
EX:
R056=0.056Ω
R560=0.56Ω
1R00=1Ω
STANDARD TYPE
Size
L
W
H
T1
T2
0201
0.60±0.03
0.30±0.03
0.26±0.05
0.15±0.05
0.15±0.05
0402
1.00±0.10
0.50±0.05
0.35±0.05
0.20±0.10
0.25±0.10
0603
1.60±0.10
0.80±0.10
0.45±0.10
0.25±0.15
0.30±0.15
0805
2.00±0.10
1.25±0.10
0.55±0.10
0.35±0.20
0.40±0.20
1206
3.10±0.10
1.60±0.10
0.55±0.10
0.40±0.20
0.45±0.20
1210
3.10±0.10
2.50±0.15
0.55±0.10
0.50±0.20
0.50±0.20
2010
5.00±0.20
2.50±0.15
0.55±0.10
0.60±0.25
0.60±0.25
2512
6.30±0.20
3.20±0.20
0.55±0.10
0.65±0.25
0.65±0.25
2512 (3W)
6.30±0.20
3.20±0.20
0.70±0.15
0.65±0.25
0.65±0.25
2512 (3W)
6.30±0.20
3.20±0.20
0.70±0.15
0.65±0.25
0.65±0.25
L
T1
T1
T2
T2
W
H
RoHS


Similar Part No. - LRT

ManufacturerPart #DatasheetDescription
logo
ETA-USA
LRT-00X ETA-USA-LRT-00X Datasheet
558Kb / 6P
AC/DC SWITCHING POWER SUPPLY TRIPLE CHANNEL OUTPUT 30 WATTS UNIVERSAL INPUT
logo
OSRAM GmbH
LRT-GFTM OSRAM-LRT-GFTM Datasheet
403Kb / 24P
white PLCC-6 package, higher contrast by a black surface (RGY-Displays) and diffused silicone resin
logo
ETA-USA
LRT01X ETA-USA-LRT01X Datasheet
558Kb / 6P
AC/DC SWITCHING POWER SUPPLY TRIPLE CHANNEL OUTPUT 30 WATTS UNIVERSAL INPUT
LRT03X ETA-USA-LRT03X Datasheet
558Kb / 6P
AC/DC SWITCHING POWER SUPPLY TRIPLE CHANNEL OUTPUT 30 WATTS UNIVERSAL INPUT
LRT04X ETA-USA-LRT04X Datasheet
558Kb / 6P
AC/DC SWITCHING POWER SUPPLY TRIPLE CHANNEL OUTPUT 30 WATTS UNIVERSAL INPUT
More results

Similar Description - LRT

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
Metal Film Resistors
logo
Riedon Powertron
SF-2 RIEDON-SF-2 Datasheet
271Kb / 1P
Surface Mount / Precision Metal Film Resistors
logo
KOA Speer Electronics, ...
RN412BT KOA-RN412BT Datasheet
89Kb / 4P
Surface Mount Coat-insulated Fixed Metal Film Resistors
logo
Riedon Powertron
SF-2 RIEDON-SF-2_13 Datasheet
167Kb / 1P
Surface Mount / Precision Metal Film Resistors
logo
Vishay Siliconix
MSP VISHAY-MSP_15 Datasheet
90Kb / 5P
Precision Surface Mount Resistors Wirewound or Metal Film Technologies
24-Feb-14
PSF VISHAY-PSF Datasheet
90Kb / 4P
Metal Film Resistors, High Precision, High Stability, Surface Mount
13-Jul-12
WSF VISHAY-WSF_15 Datasheet
84Kb / 3P
Metal Film Resistors, Power, Surface Mount
06-Nov-14
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
Metal Film Resistors Metal Film Resistors
logo
Vishay Siliconix
WSF VISHAY-WSF Datasheet
92Kb / 3P
Metal Film Resistors, Power, Surface Mount
08-Jun-2020
WSF VISHAY-WSF_V01 Datasheet
92Kb / 3P
Metal Film Resistors, Power, Surface Mount
08-Jun-2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com