Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRT Datasheet(PDF) 3 Page - RFE international

Part # LRT
Description  SURFACE MOUNT METAL FILM RESISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

LRT Datasheet(HTML) 3 Page - RFE international

  LRT Datasheet HTML 1Page - RFE international LRT Datasheet HTML 2Page - RFE international LRT Datasheet HTML 3Page - RFE international LRT Datasheet HTML 4Page - RFE international LRT Datasheet HTML 5Page - RFE international LRT Datasheet HTML 6Page - RFE international LRT Datasheet HTML 7Page - RFE international LRT Datasheet HTML 8Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
L
T1
T1
T2
T2
W
H
ELECTRICAL CHARACERISTICS & RESISTANCE RANGE (CONTINUE)
Page 3 of 8
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
2022.04.20
DIMENSIONS (unit : mm)
W
L
±0.5% (D)
±1% (F), ±2% (G),
±5% (J)
±150
---
10mΩ ≤ R < 20mΩ
±100
100mΩ ≤ R ≤ 500mΩ
20mΩ ≤ R ≤ 500mΩ
±150
---
10mΩ ≤ R < 20mΩ
±100
100mΩ ≤ R ≤ 500mΩ
20mΩ ≤ R ≤ 500mΩ
±150
---
10mΩ ≤ R < 20mΩ
±100
100mΩ ≤ R ≤ 500mΩ
20mΩ ≤ R ≤ 500mΩ
±150
---
10mΩ ≤ R < 20mΩ
±100
100mΩ ≤ R ≤ 500mΩ
20mΩ ≤ R ≤ 500mΩ
±0.5% (D)
±1% (F), ±2% (G),
±5% (J)
0.25
5.00
12.50
0.5
7.07
15.81
0508
1
10.00
22.36
Max.
Overload
Current
(A)
T.C.R.
(ppm/°C)
Resistance Range
(mΩ)
1206L
±200
10mΩ ≤ R < 39mΩ
Size
Code
Rating
Power
at 70°C
(W)
1
10.00
Max.
Rating
Current
(A)
22.36
3
17.32
38.73
0612
1020
2
14.14
31.62
1225
Resistance Range
(mΩ)
Size
Code
Rating
Power
at 70°C
(W)
Max.
Rating
Current
(A)
Max.
Overload
Current
(A)
T.C.R.
(ppm/°C)
WIDE TERMINAL & OTHERS
Size
L
W
H
T1
T2
0508
1.25±0.10
2.00±0.10
0.55±0.15
0.25±0.15
0.35±0.15
0612
1.60±0.15
3.20±0.20
0.55±0.15
0.30±0.20
0.50±0.20
1020
2.50±0.15
5.00±0.15
0.55±0.15
0.40±0.20
0.50±0.20
1206L
3.30±0.20
1.70±0.20
1.00±0.10
0.20±0.15
0.68±0.20
1225
3.20±0.20
6.30±0.20
0.55±0.15
0.60±0.25
0.80±0.25
1225
3.20±0.20
6.30±0.20
0.55±0.15
0.60±0.25
0.80±0.25
SURFACE MOUNT METAL FILM RESISTORS
LRT Series: Low Resistance, Low T.C.R.
RoHS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com