Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRT Datasheet(PDF) 4 Page - RFE international

Part # LRT
Description  SURFACE MOUNT METAL FILM RESISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

LRT Datasheet(HTML) 4 Page - RFE international

  LRT Datasheet HTML 1Page - RFE international LRT Datasheet HTML 2Page - RFE international LRT Datasheet HTML 3Page - RFE international LRT Datasheet HTML 4Page - RFE international LRT Datasheet HTML 5Page - RFE international LRT Datasheet HTML 6Page - RFE international LRT Datasheet HTML 7Page - RFE international LRT Datasheet HTML 8Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Resistance Range : <1 Ω
Rated Current : The resistor should have a DC continuous working current or AC (rms) continuous
working current at commercial-line frequencyand wave form corresponding to the power rating as
determined formula as following:
POWER DERATING CURVE
The Operating Temperature Range : -55ºC ~ +155ºC
Power rating or current rating is in the case based on continuous full-load at ambient temperature
of 70ºC. For operation at ambient temperature in excess of 70ºC, the load should be derated in
accordance with the curve below.
RATING CURRENT
I =
P/R
I = Rating Current (A)
P = Rating Power (W)
R = Resistance (Ω)
100
80
60
40
20
0
20
40
60
80
100 120 140 160
70°C
155°C
-55
DERATING CURVE
Ambient Temperture (°C)
RATING VOLTAGE
V =
P x R
V = Rating Voltage (V)
P = Rating Power (W)
R = Nominal Resistance (Ω)
Resistance Range : ≥1 Ω
Rated Voltage : The resistor should have a DC continuous working voltage or AC (rms) continuous
working voltage at commercial-line frequencyand wave form corresponding to the power rating as
determined formula as following:
Page 4 of 8
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
2022.04.20
SURFACE MOUNT METAL FILM RESISTORS
LRT Series: Low Resistance, Low T.C.R.
RoHS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com