Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRT Datasheet(PDF) 7 Page - RFE international

Part # LRT
Description  SURFACE MOUNT METAL FILM RESISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

LRT Datasheet(HTML) 7 Page - RFE international

  LRT Datasheet HTML 1Page - RFE international LRT Datasheet HTML 2Page - RFE international LRT Datasheet HTML 3Page - RFE international LRT Datasheet HTML 4Page - RFE international LRT Datasheet HTML 5Page - RFE international LRT Datasheet HTML 6Page - RFE international LRT Datasheet HTML 7Page - RFE international LRT Datasheet HTML 8Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
RECOMMEND LAND PATTERN DESIGN : Dimension (unit: mm)
Plating Thickness :
Ni : ≥ 3 µm
Sn(Tin) : ≥ 3 µm
Page 7 of 8
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
2022.04.20
C
A
B
Size
A
B
C
0201
0.25
0.85
0.35
0402
0.50
1.60
0.70
0603
0.80
2.40
1.00
0805
1.30
2.90
1.45
1206
2.20
4.20
1.80
1210
2.00
4.40
2.70
2010
3.80
6.60
2.70
2512
4.90
8.10
3.40
1206L
1.20
4.80
1.84
0508
0.40
1.80
2.00
0612
0.50
2.60
3.20
1020
1.00
4.05
5.50
1225
1.20
5.20
7.00
STANDARD TYPE
WIDE TERMINAL & OTHERS
PACKING DIMENSION (mm)
Tape & Reel
Size
A
B
C
D
W
M
0201
7"
10K/Reel
2.0±0.5
13.5±1.0
21±1.0
60.0±1.0
11.5±2.0
178±2.0
0402
7"
10K/Reel
2.0±0.5
13.5±1.0
21±1.0
60.0±1.0
11.5±2.0
178±2.0
0603
7"
5K/Reel
2.0±0.5
13.5±1.0
21±1.0
60.0±1.0
11.5±2.0
178±2.0
0805
7"
5K/Reel
2.0±0.5
13.5±1.0
21±1.0
60.0±1.0
11.5±2.0
178±2.0
1206
7"
5K/Reel
2.0±0.5
13.5±1.0
21±1.0
60.0±1.0
11.5±2.0
178±2.0
1210
7"
5K/Reel
2.0±0.5
13.5±1.0
21±1.0
60.0±1.0
11.5±2.0
178±2.0
2010
7"
4K/Reel
2.0±0.5
13.5±1.0
21±1.0
60.0±1.0
16.0±2.0
178±2.0
2512
7"
4K/Reel
2.0±0.5
13.5±1.0
21±1.0
60.0±1.0
16.0±2.0
178±2.0
0508
7"
5K/Reel
2.0±0.5
13.5±1.0
21±1.0
60.0±1.0
11.5±2.0
178±2.0
0612
7"
5K/Reel
2.0±0.5
13.5±1.0
21±1.0
60.0±1.0
11.5±2.0
178±2.0
1020
7"
4K/Reel
2.0±0.5
13.5±1.0
21±1.0
60.0±1.0
16.0±2.0
178±2.0
1225
7"
4K/Reel
2.0±0.5
13.5±1.0
21±1.0
60.0±1.0
16.0±2.0
178±2.0
Reel
SURFACE MOUNT METAL FILM RESISTORS
LRT Series: Low Resistance, Low T.C.R.
RoHS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com