Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTB0602/5 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CTB0602/5
Description  10mm pitc h l ow profile rising clamp terminal blocks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CTB0602/5 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CTB0602/5 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCB TERMINAL
BLOCKS
0 02
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
48
081
0 95
100
151
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
PCB TERMINAL BLOCK S
158
INTERFACE
MODULES AND
RELAY BASES
PL UGGABLES
SCREWLES S
PL UGGABLES
SCREWLES S
S TANDARD
10mm pit ch lo w pr ofile rising clamp
t erminal blocks
Pr oduct o v ervie w
• 2 and 3 pole double interlocking
mechanism for increased strength
• Professional rising clamp terminals
• Low profile
• Moulded in green UL94-V0 flame
retardant PA66
• Cable acceptance - 0.4-1.3mm2 (26-16
AWG)
• Guided pin alignment
• C
US approved
SPECIFICATION
Rating
10A/300V
Dielectric strength
≥2kV
Insulation resistance
5000M Ω/1000V
Working temperature
-33°C to +120°C
Moulding
UL94-V0 flame retardant PA66
Pin/terminal
Tin plated brass
Wire clamp
Nickel plated brass
Screw/torque
M2.5 steel Ni plated
Recommended PCB
hole size
ø1.4mm
CTB0602
PART NO.
POLES
LENG TH
CTB0602/2
2
15.2mm
CTB0602/3
3
25mm
CTB0602/4
4
35mm
CTB0602/5
5
45mm
CTB0602/6
6
55mm
CTB0602/7
7
65mm
CTB0602/8
8
75mm
CTB0602/9
9
85mm
CTB0602/10
10
95mm
CTB0602/11
11
105mm
CTB0602/12
12
115mm
KEY FEATURES
L o w pr ofile | Double int erlock mechanism | Pr of es sional rising clamp
4
0.9
8.1
10


Similar Part No. - CTB0602/5

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTB0609 CAMDENBOSS-CTB0609 Datasheet
359Kb / 1P
10.16mm pitc h l ow profile rising clamp terminal blocks
CTB0609/10 CAMDENBOSS-CTB0609/10 Datasheet
359Kb / 1P
10.16mm pitc h l ow profile rising clamp terminal blocks
CTB0609/11 CAMDENBOSS-CTB0609/11 Datasheet
359Kb / 1P
10.16mm pitc h l ow profile rising clamp terminal blocks
CTB0609/12 CAMDENBOSS-CTB0609/12 Datasheet
359Kb / 1P
10.16mm pitc h l ow profile rising clamp terminal blocks
CTB0609/2 CAMDENBOSS-CTB0609/2 Datasheet
359Kb / 1P
10.16mm pitc h l ow profile rising clamp terminal blocks
More results

Similar Description - CTB0602/5

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTB0202 CAMDENBOSS-CTB0202 Datasheet
372Kb / 1P
10mm pitc h standard profile rising clamp terminal blocks
CTB0609 CAMDENBOSS-CTB0609 Datasheet
359Kb / 1P
10.16mm pitc h l ow profile rising clamp terminal blocks
CTBP0100 CAMDENBOSS-CTBP0100 Datasheet
374Kb / 1P
5mm pitc h standard profile rising clamp terminal blocks
CTBP0110 CAMDENBOSS-CTBP0110 Datasheet
396Kb / 1P
7.5mm pitch standard profile rising clamp terminal blocks
CTBP0115 CAMDENBOSS-CTBP0115 Datasheet
398Kb / 1P
7.5mm pitc h standard profile 90° rising clamp terminal blocks
CTBP0150 CAMDENBOSS-CTBP0150 Datasheet
361Kb / 1P
5mm pitc h standard profile 90° rising clamp terminal blocks
CTBP0158 CAMDENBOSS-CTBP0158 Datasheet
388Kb / 1P
5 .08mm pitc h standard profile 90° rising clamp terminal blocks
CTBP2550 CAMDENBOSS-CTBP2550 Datasheet
387Kb / 1P
10mm pitch standard profile 90° rising clamp terminal blocks
CTBP4000 CAMDENBOSS-CTBP4000 Datasheet
396Kb / 1P
10mm pitch low profile 45° rising clamp terminal blocks
CTBP6550 CAMDENBOSS-CTBP6550 Datasheet
378Kb / 1P
10mm low profile 90° rising clamp terminal blocks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com