Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8505ACCZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADMV8505ACCZ-R7
Description  225 MHz to 520 MHz, Digitally Tunable, Band-Pass Filter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8505ACCZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADMV8505ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Data Sheet
ADMV8505
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 31
TA = 25°C, unless otherwise noted.
Table 1. Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE (fCENTER)
225
520
MHz
BANDWIDTH (3 dB)
9
%
BANDWIDTH ADJUSTABILITY
±2
%
RESOLUTION
1
%
8 bits per filter
REJECTION (20 dB)
Low-Side
0.84 × fCENTER
GHz
High-Side
1.19 × fCENTER
GHz
RE-ENTRY FREQUENCY
>3
GHz
≤30 dB
INSERTION LOSS
4.5
dB
RETURN LOSS
20
dB
DYNAMIC PERFORMANCE
Input Compression (P0.1dB)
24
dBm
Input Third-Order Intercept (IP3)
Input power (PIN) is 10 dBm; f1 is Input Frequency 1 and
f2 is Input Frequency 2
Low-Side IP3
53
dBm
f1 = 0.9 × fCENTER , f2 = 0.95 × fCENTER
High-Side IP3
48
dBm
f1 = 1.05 × fCENTER , f2 = 1.1× fCENTER
In-Band IP3
47
dBm
f1 = fCENTER − 5 kHz, f2 = fCENTER + 5kHz
Group Delay
19
ns
Measured at fCENTER = 225 MHz
Amplitude Settling Time
5
µs
To within ≤1 dB of static insertion loss
Phase Settling Time
10
µs
To within ≤2° of static phase
Drift Rate
At fCENTER = 365 MHz
Amplitude
−0.01
dB/°C
Frequency
−45
ppm/°C
SUPPLY VOLTAGE
VSS
–2.6
–2.5
–2.4
V
VDD
+3.2
+3.3
+3.4
V
SUPPLY CURRENT (STATIC)
Static
VSS Current (ISS)
−2
µA
VDD Current (IDD)
125
µA
Dynamic
IDD
fSCLK/4
mA
Where fSCLK is the SCLK toggle frequency in MHz
For example, continuous serial peripheral interface (SPI)
writing at 10 MHz yields 2.5 mA of dynamic supply
current
LOGIC (RST, CS, SCLK, SDI, SDO, and SFL)
Logic Low
−0.3
0
+0.8
V
Logic High
+1.2
+3.3
+3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com