Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8505ACCZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADMV8505ACCZ-R7
Description  225 MHz to 520 MHz, Digitally Tunable, Band-Pass Filter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8505ACCZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADMV8505ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Data Sheet
ADMV8505
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 31
TIMING SPECIFICATIONS
Table 2. Timing Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
t1
10
ns
RST low time to perform reset
10
ns
SCLK cycle time (write)
t2
20
ns
SCLK cycle time (read)
t3
2.5
ns
SCLK high time
t4
2.5
ns
SCLK low time
t5
5
ns
CS falling edge to SCLK rising edge setup time
t6
2
ns
SCLK rising edge to hold time
t7
5
ns
Minimum CS high time for latching in data (for multiple SPI transactions)
t8
5
ns
CS rising edge to next SCLK rising edge ignore
t9
5
ns
SDI data setup time
t10
2
ns
SDI data hold time
t11
10
ns
SFL falling edge (exiting SFL mode) to CS falling edge time (start of SPI transaction)
t12
10
ns
CS rising edge (end of SPI transaction) to SFL rising edge time (entering SFL mode)
t13
10
ns
SFL rising edge to CS falling edge time
t14
10
ns
CS cycle time (SFL mode)
t15
2.5
ns
CS high time (SFL mode)
t16
2.5
ns
CS low time (SFL mode)
t17
6
ns
SCLK falling edge to SDO valid (load capacitance (CL) = 10 pF)
t18
5
ns
SDO rise and fall time (CL = 10 pF)
t19
4
ns
CS rising edge to SDO tristate (CL = 10 pF)
Timing Diagram
Figure 2. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com