Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8505ACCZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADMV8505ACCZ-R7
Description  225 MHz to 520 MHz, Digitally Tunable, Band-Pass Filter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8505ACCZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADMV8505ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Data Sheet
ADMV8505
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 6 of 31
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 3, 5 to 27, 29, 31,
37, 39
GND
Ground. Connect the GND pins to the RF and DC ground.
2
VSS
The –2.5 V Power Supply Pin. Place 0.1 μF and 100 pF decoupling capacitors close to VSS.
4
RF1
RF Pin 1. RF1 is DC-coupled and matched to 50 Ω. Do not apply an external voltage to RF1.
28
RF2
RF Pin 2. RF2 is DC-coupled and matched to 50 Ω. Do not apply an external voltage to RF2.
30
VDD
The 3.3 V Power Supply Pin. Place 0.1 μF and 100 pF decoupling capacitors close to VDD.
32
BYP
The 2.5 V LDO Decoupling Bypass Pin. Place 47 μF, 0.1 μF, and 100 pF decoupling capacitors close to BYP.
33
SFL
SPI Fast Latch Enable, 3.3 V Logic. Set SFL high to enable fast latching of filter states on each rising edge of CS. While SFL is in
this mode, the SCLK, SDO, and SDI pins are not active. The SFL pin is internally pulled low with a 260 kΩ resistor.
34
SCLK
SPI Clock, 3.3 V Logic. The SCLK pin is internally pulled low with a 260 kΩ resistor.
35
SDO
SPI Data Output, 3.3 V Logic. The SDO pin is internally pulled low with a 260 kΩ resistor.
36
SDI
SPI Data Input, 3.3 V Logic. The SDI pin is internally pulled low with a 260 kΩ resistor.
38
CS
SPI Chip Select, 3.3 V Logic. Active low. The CS pin is internally pulled low with a 260 kΩ resistor.
40
RST
Chip Reset, 3.3 V Logic. Active low. The RST pin is internally pulled high with a 260 kΩ resistor
E1 to E16
EPAD
Exposed Pad. The exposed pad must be connected to the RF and DC ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com