Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8505ACCZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADMV8505ACCZ-R7
Description  225 MHz to 520 MHz, Digitally Tunable, Band-Pass Filter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8505ACCZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADMV8505ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
Data Sheet
ADMV8505
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 5 of 31
Table 3. Absolute Maximum Ratings
Parameter
Rating
Supply
VDD
–0.3 V to +3.6 V
VSS
–3.6 V to +0.3 V
Digital Control Inputs
Voltage
–0.3 V to VDD + 0.3 V
Current
2 mA
Continuous RF Input Power
P0.1dB
Survivability
Maximum 5 minutes over
lifetime
Temperature
Operating Range
–40°C to +85°C
Storage Range
–55°C to +150°C
Junction to Maintain 1 Million Hours Mean Time
to Failure (MTTF)
135°C
Nominal Junction (Paddle Temperature
(TPADDLE) = 85°C)
90°C
Moisture Sensitivity Level (MSL) Rating
MSL3
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001-2010.
Field induced charged device model (FICDM) per ANSI/ESDA/JE-
DEC JS-002.
ESD Ratings for ADMV8505
Table 4. ADMV8505, 40-Terminal LGA
ESD Model
Withstand Threshold (V)
Class
HBM
1000
1C
FICDM
500
C2a
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com