Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8505ACCZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADMV8505ACCZ-R7
Description  225 MHz to 520 MHz, Digitally Tunable, Band-Pass Filter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8505ACCZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADMV8505ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADMV8505ACCZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Data Sheet
ADMV8505
REGISTER SUMMARY
analog.com
Rev. 0 | 21 of 31
Table 12. ADMV8505 Register Summary (Continued)
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x307
INTERP_FC_Y7
[7:0]
INTERP_FC_Y7
0x23
R/W
0x308
INTERP_FC_Y8
[7:0]
INTERP_FC_Y8
0x1C
R/W
0x309
INTERP_FC_Y9
[7:0]
INTERP_FC_Y9
0x16
R/W
0x30A
INTERP_BW_V0
[7:0]
INTERP_BW_V0
0x03
R/W
0x30B
INTERP_BW_V1
[7:0]
INTERP_BW_V1
0x07
R/W
0x30C
INTERP_BW_V2
[7:0]
INTERP_BW_V2
0x21
R/W
0x30D
INTERP_MATCH_T0
[7:0]
INTERP_MATCH_T0
0x09
R/W
0x30E
INTERP_MATCH_T1
[7:0]
INTERP_MATCH_T1
0x22
R/W
0x30F
INTERP_MATCH_T2
[7:0]
INTERP_MATCH_T2
0xAE
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com