Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85063ATL/1 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCF85063ATL/1
Description  Tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85063ATL/1 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCF85063ATL/1 Datasheet HTML 18Page - NXP Semiconductors PCF85063ATL/1 Datasheet HTML 19Page - NXP Semiconductors PCF85063ATL/1 Datasheet HTML 20Page - NXP Semiconductors PCF85063ATL/1 Datasheet HTML 21Page - NXP Semiconductors PCF85063ATL/1 Datasheet HTML 22Page - NXP Semiconductors PCF85063ATL/1 Datasheet HTML 23Page - NXP Semiconductors PCF85063ATL/1 Datasheet HTML 24Page - NXP Semiconductors PCF85063ATL/1 Datasheet HTML 25Page - NXP Semiconductors PCF85063ATL/1 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 55 page
background image
NXP Semiconductors
PCF85063A
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
aaa-004421
SECONDS
1 Hz tick
MINUTES
HOURS
12_24 hour mode
DAYS
WEEKDAY
LEAP YEAR
CALCULATION
MONTHS
YEARS
Figure 14. Data flow for the time function
During read/write operations, the time counting circuits (memory locations 04h through 0Ah) are blocked.
The blocking prevents
• Faulty reading of the clock and calendar during a carry condition
• Incrementing the time registers during the read cycle
After this read/write access is completed, the time circuit is released again and any pending request to
increment the time counters that occurred during the read/write access is serviced. A maximum of 1 request can
be stored; therefore, all accesses must be completed within 1 second (see Figure 15).
aaa-004422
t < 1 s
START
DATA
DATA
STOP
SLAVE ADDRESS
Figure 15. Access time for read/write operations
Because of this method, it is very important to make a read or write access in one go, that is, setting or reading
seconds through to years should be made in one single access. Failing to comply with this method could result
in the time becoming corrupted.
As an example, if the time (seconds through to hours) is set in one access and then in a second access the
date is set, it is possible that the time will increment between the two accesses. A similar problem exists when
reading. A roll-over may occur between reads thus giving the minutes from one moment and the hours from the
next.
Recommended method for reading the time:
1. Send a START condition and the slave address (see Table 38) for write (A2h)
2. Set the address pointer to 4 (Seconds) by sending 04h
3. Send a RESTART condition or STOP followed by START
4. Send the slave address for read (A3h)
5. Read Seconds
6. Read Minutes
PCF85063A
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.1 — 8 November 2023
22 / 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com