Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85063ATL/1 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF85063ATL/1
Description  Tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85063ATL/1 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF85063ATL/1 Datasheet HTML 2Page - NXP Semiconductors PCF85063ATL/1 Datasheet HTML 3Page - NXP Semiconductors PCF85063ATL/1 Datasheet HTML 4Page - NXP Semiconductors PCF85063ATL/1 Datasheet HTML 5Page - NXP Semiconductors PCF85063ATL/1 Datasheet HTML 6Page - NXP Semiconductors PCF85063ATL/1 Datasheet HTML 7Page - NXP Semiconductors PCF85063ATL/1 Datasheet HTML 8Page - NXP Semiconductors PCF85063ATL/1 Datasheet HTML 9Page - NXP Semiconductors PCF85063ATL/1 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
NXP Semiconductors
PCF85063A
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Bit
Symbol
Value
Description
Reference
1
RTC clock is stopped; all RTC divider chain
flip-flops are asynchronously set logic 0
software reset
0[1]
no software reset
4
SR
1
initiate software reset[2]; this bit always
returns a 0 when read
Section 7.2.1.3
3
-
0
unused
-
correction interrupt enable
0[1]
no correction interrupt generated
2
CIE
1
interrupt pulses are generated at every
correction cycle
Section 7.2.3
12 or 24-hour mode
0[1]
24-hour mode is selected
1
12_24
1
12-hour mode is selected
Section 7.3.3
Section 7.5.3
internal oscillator capacitor selection for
quartz crystals with a corresponding load
capacitance
0[1]
7 pF
0
CAP_SEL
1
12.5 pF
-
Table 5. Control_1 - control and status register 1 (address 00h) bit description...continued
[1]
Default value.
[2]
For a software reset, 0101 1000 (58h) must be sent to register Control_1 (see Section 7.2.1.3).
7.2.1.1 EXT_TEST: external clock test mode
A test mode is available which allows for on-board testing. In this mode, it is possible to set up test conditions
and control the operation of the RTC.
The test mode is entered by setting bit EXT_TEST in register Control_1. Then pin CLKOUT becomes an input.
The test mode replaces the internal clock signal with the signal applied to pin CLKOUT.
The signal applied to pin CLKOUT should have a minimum pulse width of 300 ns and a maximum period of 1
 000 ns. The internal clock, now sourced from CLKOUT, is divided down to 1 Hz by a 26 divide chain called a
prescaler. The prescaler can be set into a known state by using bit STOP. When bit STOP is set, the prescaler
is reset to 0. (STOP must be cleared before the prescaler can operate again.)
From a stop condition, the first 1 second increment will take place after 32 positive edges on pin CLKOUT.
Thereafter, every 64 positive edges cause a 1 second increment.
Remark: Entry into test mode is not synchronized to the internal 64 Hz clock. When entering the test mode, no
assumption as to the state of the prescaler can be made.
Operation example:
1. Set EXT_TEST test mode (register Control_1, bit EXT_TEST = 1).
2. Set STOP (register Control_1, bit STOP = 1).
3. Clear STOP (register Control_1, bit STOP = 0).
4. Set time registers to desired value.
5. Apply 32 clock pulses to pin CLKOUT.
PCF85063A
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.1 — 8 November 2023
6 / 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com