Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85063ATL/1 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCF85063ATL/1
Description  Tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85063ATL/1 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCF85063ATL/1 Datasheet HTML 22Page - NXP Semiconductors PCF85063ATL/1 Datasheet HTML 23Page - NXP Semiconductors PCF85063ATL/1 Datasheet HTML 24Page - NXP Semiconductors PCF85063ATL/1 Datasheet HTML 25Page - NXP Semiconductors PCF85063ATL/1 Datasheet HTML 26Page - NXP Semiconductors PCF85063ATL/1 Datasheet HTML 27Page - NXP Semiconductors PCF85063ATL/1 Datasheet HTML 28Page - NXP Semiconductors PCF85063ATL/1 Datasheet HTML 29Page - NXP Semiconductors PCF85063ATL/1 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 55 page
background image
NXP Semiconductors
PCF85063A
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
7.6.2 Register Timer_mode
Bit
Symbol
Value
Description
7 to 5
-
000
unused
timer clock frequency
00
4.096 kHz timer source clock
01
64 Hz timer source clock
10
1 Hz timer source clock
4 to 3
TCF[1:0]
11[1]
1⁄60 Hz timer source clock
timer enable
0[1]
timer is disabled
2
TE
1
timer is enabled
timer interrupt enable
0[1]
no interrupt generated from timer
1
TIE
1
interrupt generated from timer
timer interrupt mode
0[1]
interrupt follows timer flag
0
TI_TP[2]
1
interrupt generates a pulse
Table 34. Timer_mode - timer control register (address 11h) bit description
[1]
Default value.
[2]
How the setting of TI_TP and the timer flag TF can affect the INT pulse generation is explained in Section 7.2.2.3.
7.6.3 Timer functions
The timer has four selectable source clocks allowing for countdown periods in the range from 244 μs to 4 hours
15 min. For periods longer than 4 hours, the alarm function can be used.
Delay
TCF[1:0]
Timer source clock
frequency[1]
Minimum timer duration
T = 1
Maximum timer duration
T = 255
00
4.096 kHz
244 μs
62.256 ms
01
64 Hz
15.625 ms
3.984 s
10
1 Hz[2]
1 s
255 s
11
1⁄60 Hz[2]
60 s
4 hours 15 min
Table 35. Timer clock frequency and timer durations
[1]
When not in use, TCF[1:0] must be set to 1⁄60 Hz for power saving.
[2]
Time periods can be affected by correction pulses.
Remark: Note that all timings which are generated from the 32.768 kHz oscillator are based on the assumption
that there is 0 ppm deviation. Deviation in oscillator frequency results in deviation in timings. This is not
applicable to interface timing.
The timer counts down from a software-loaded 8-bit binary value, T[7:0], in register Timer_value. Loading the
counter with 0 stops the timer. Values from 1 to 255 are valid.
PCF85063A
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.1 — 8 November 2023
26 / 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com