Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85063ATL/1 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCF85063ATL/1
Description  Tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85063ATL/1 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCF85063ATL/1 Datasheet HTML 8Page - NXP Semiconductors PCF85063ATL/1 Datasheet HTML 9Page - NXP Semiconductors PCF85063ATL/1 Datasheet HTML 10Page - NXP Semiconductors PCF85063ATL/1 Datasheet HTML 11Page - NXP Semiconductors PCF85063ATL/1 Datasheet HTML 12Page - NXP Semiconductors PCF85063ATL/1 Datasheet HTML 13Page - NXP Semiconductors PCF85063ATL/1 Datasheet HTML 14Page - NXP Semiconductors PCF85063ATL/1 Datasheet HTML 15Page - NXP Semiconductors PCF85063ATL/1 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 55 page
background image
NXP Semiconductors
PCF85063A
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
7.2.2.2 MI and HMI: minute and half minute interrupt
The minute interrupt (bit MI) and half minute interrupt (bit HMI) are pre-defined timers for generating interrupt
pulses on pin INT; see Figure 10. The timers are running in sync with the seconds counter (see Table 18).
The minute and half minute interrupts must only be used when the frequency offset is set to normal mode
(MODE = 0), see Section 7.2.3. In normal mode, the interrupt pulses on pin INT are 1⁄64 s wide.
When starting MI, the first interrupt will be generated after 1 second to 59 seconds. When starting HMI, the first
interrupt will be generated after 1 second to 29 seconds. Subsequent periods do not have such a delay. The
timers can be enabled independently from one another. However, a minute interrupt enabled on top of a half
minute interrupt is not distinguishable.
aaa-004419
58
seconds counter
minutes counter
INT when MI enabled
TF when MI enabled
59
59
11
00
01
00
12
In this example, the TF flag is not cleared after an interrupt.
Figure 10. INT example for MI
Minute interrupt (bit MI)
Half minute interrupt (bit HMI)
Result
0
0
no interrupt generated
1
0
an interrupt every minute
0
1
an interrupt every 30 s
1
1
an interrupt every 30 s
Table 9. Effect of bits MI and HMI on INT generation
The duration of the timer is affected by the register Offset (see Section 7.2.3). Only when OFFSET[6:0] has the
value 00h the periods are consistent.
7.2.2.3 TF: timer flag
The timer flag (bit TF) is set logic 1 on the first trigger of MI, HMI, or the countdown timer. The purpose of the
flag is to allow the controlling system to interrogate what caused the interrupt: timer or alarm. The flag can be
read and cleared by command.
The status of the timer flag TF can affect the INT pulse generation depending on the setting of TI_TP (see
Section 7.6.2):
• When TI_TP is set logic 1
– an INT pulse is generated independent of the status of the timer flag TF
– TF stays set until it is cleared
– TF does not affect INT
– the countdown timer runs in a repetitive loop and keeps generating timed periods
• When TI_TP is set logic 0
– the INT generation follows the TF flag
– TF stays set until it is cleared
PCF85063A
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.1 — 8 November 2023
12 / 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com