Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85063ATL/1 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # PCF85063ATL/1
Description  Tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85063ATL/1 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button PCF85063ATL/1 Datasheet HTML 47Page - NXP Semiconductors PCF85063ATL/1 Datasheet HTML 48Page - NXP Semiconductors PCF85063ATL/1 Datasheet HTML 49Page - NXP Semiconductors PCF85063ATL/1 Datasheet HTML 50Page - NXP Semiconductors PCF85063ATL/1 Datasheet HTML 51Page - NXP Semiconductors PCF85063ATL/1 Datasheet HTML 52Page - NXP Semiconductors PCF85063ATL/1 Datasheet HTML 53Page - NXP Semiconductors PCF85063ATL/1 Datasheet HTML 54Page - NXP Semiconductors PCF85063ATL/1 Datasheet HTML 55Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 53 / 55 page
background image
NXP Semiconductors
PCF85063A
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Tables
Tab. 1.
Ordering information ..........................................1
Tab. 2.
Ordering options ................................................2
Tab. 3.
Pin description ...................................................3
Tab. 4.
Registers overview ............................................5
Tab. 5.
Control_1 - control and status register 1
(address 00h) bit description .............................5
Tab. 6.
First increment of time circuits after STOP
bit release ..........................................................7
Tab. 7.
Registers reset values ...................................... 9
Tab. 8.
Control_2 - control and status register 2
(address 01h) bit description ...........................10
Tab. 9.
Effect of bits MI and HMI on INT generation ....12
Tab. 10. CLKOUT frequency selection ..........................13
Tab. 11. Offset - offset register (address 02h) bit
description ....................................................... 13
Tab. 12. Offset values ................................................... 14
Tab. 13. Correction pulses for MODE = 0 .....................14
Tab. 14. Effect of correction pulses on frequencies
for MODE = 0 ................................................. 15
Tab. 15. Correction pulses for MODE = 1 .....................16
Tab. 16. Effect of correction pulses on frequencies
for MODE = 1 ................................................. 16
Tab. 17. RAM_byte - 8-bit RAM register (address
03h) bit description ..........................................18
Tab. 18. Seconds - seconds register (address 04h)
bit description .................................................. 18
Tab. 19. Seconds coded in BCD format ........................18
Tab. 20. Minutes - minutes register (address 05h) bit
description ....................................................... 19
Tab. 21. Hours - hours register (address 06h) bit
description ....................................................... 19
Tab. 22. Days - days register (address 07h) bit
description ....................................................... 20
Tab. 23. Weekdays - weekdays register (address
08h) bit description ..........................................20
Tab. 24. Weekday assignments .................................... 20
Tab. 25. Months - months register (address 09h) bit
description ....................................................... 20
Tab. 26. Month assignments in BCD format ..................21
Tab. 27. Years - years register (0Ah) bit description ......21
Tab. 28. Second_alarm - second alarm register
(address 0Bh) bit description .......................... 23
Tab. 29. Minute_alarm - minute alarm register
(address 0Ch) bit description .......................... 23
Tab. 30. Hour_alarm - hour alarm register (address
0Dh) bit description ......................................... 23
Tab. 31. Day_alarm - day alarm register (address
0Eh) bit description ......................................... 24
Tab. 32. Weekday_alarm - weekday alarm register
(address 0Fh) bit description ...........................24
Tab. 33. Timer_value - timer value register (address
10h) bit description ..........................................25
Tab. 34. Timer_mode - timer control register
(address 11h) bit description ........................... 26
Tab. 35. Timer clock frequency and timer durations ......26
Tab. 36. First period delay for timer counter value T ..... 27
Tab. 37. INT operation .................................................. 28
Tab. 38. I2C slave address byte ................................... 30
Tab. 39. Limiting values ................................................ 32
Tab. 40. Static characteristics ....................................... 33
Tab. 41. I2C-bus characteristics ....................................38
Tab. 42. SnPb eutectic process (from J-STD-020D) ..... 45
Tab. 43. Lead-free process (from J-STD-020D) ............45
Tab. 44. Selection of Real-Time Clocks ........................ 48
Tab. 45. Abbreviations ...................................................49
Tab. 46. Revision history ...............................................50
Figures
Fig. 1.
Block diagram of PCF85063A ...........................2
Fig. 2.
Pin configuration for SO8 (PCF85063AT) ......... 3
Fig. 3.
Pin configuration for DFN2626-10
(PCF85063ATL) .................................................3
Fig. 4.
Pin configuration for TSSOP8
(PCF85063ATT) ................................................ 3
Fig. 5.
Handling address registers ............................... 4
Fig. 6.
STOP bit functional diagram ............................. 7
Fig. 7.
STOP bit release timing ....................................8
Fig. 8.
Software reset command .................................. 9
Fig. 9.
Interrupt scheme ............................................. 11
Fig. 10.
INT example for MI ......................................... 12
Fig. 11.
Offset calibration calculation workflow .............17
Fig. 12.
Result of offset calibration ...............................17
Fig. 13.
OS flag ............................................................ 19
Fig. 14.
Data flow for the time function ........................ 22
Fig. 15.
Access time for read/write operations ............. 22
Fig. 16.
Alarm function block diagram ..........................25
Fig. 17.
General countdown timer behavior ................. 27
Fig. 18.
Bit transfer .......................................................28
Fig. 19.
Definition of START and STOP conditions ...... 29
Fig. 20.
System configuration .......................................29
Fig. 21.
Acknowledgement on the I2C-bus .................. 30
Fig. 22.
Master transmits to slave receiver (WRITE
mode) .............................................................. 30
Fig. 23.
Master reads after setting register address
(write register address; READ data) ................31
Fig. 24.
Device diode protection diagram of
PCF85063A .....................................................32
Fig. 25.
Typical IDD with respect to fSCL .....................35
Fig. 26.
Typical IDD as a function of temperature ........ 36
Fig. 27.
Typical IDD with respect to VDD .....................37
Fig. 28.
IDD with respect to quartz RS .........................38
Fig. 29.
Oscillator frequency variation with respect
to VDD ............................................................ 38
Fig. 30.
I2C-bus timing diagram; rise and fall times
refer to 30 % and 70 % .................................. 40
Fig. 31.
Application diagram for PCF85063A ............... 40
PCF85063A
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.1 — 8 November 2023
53 / 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com