Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8521 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA8521
Description  Infrared remote control transmitter RC5
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8521 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA8521 Datasheet HTML 4Page - NXP Semiconductors PCA8521 Datasheet HTML 5Page - NXP Semiconductors PCA8521 Datasheet HTML 6Page - NXP Semiconductors PCA8521 Datasheet HTML 7Page - NXP Semiconductors PCA8521 Datasheet HTML 8Page - NXP Semiconductors PCA8521 Datasheet HTML 9Page - NXP Semiconductors PCA8521 Datasheet HTML 10Page - NXP Semiconductors PCA8521 Datasheet HTML 11Page - NXP Semiconductors PCA8521 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1999 Jun 15
8
Philips Semiconductors
Product specification
Infrared remote control transmitter RC5
PCA8521
Table 3
ROM bit description
Pulse output
The bits of the remote control word, as indicated by the addressed ROM locations, are loaded into a shift register every
bit-time this register is shifted. The output is used to generate a logic 0 or a logic 1 in the biphase (Manchester) coding,
modulated with a frequency of 36 kHz. The duty factor of the modulation pulses may be selected (optionally) to be 25%
or 33.3%. The output of the pulse generator controls the output driver that can provide a maximum current of 45 mA.
BITS
FUNCTION
M0L to M5L
Command bits 0 to 5.
M6L
Field bit. This bit indicates whether command codes 0 to 63 are used (field bit is at logic 1) or
command codes 64 to 127 are used (field bit is at logic 0).
M7L
Inhibit bit. When this bit is at logic 1 no transmission will take place. When this bit is at logic 0
the appropriate code-word will be transmitted.
M0H to M4H
System bits 0 to 4.
M5H to M7H
Bank select. Will be stored in BS0 to BS2 when the ‘multi-system’ option is selected. With
single system bits M5H to M7H are don't care.
Fig.4 Timer schematic diagram.
handbook, full pagewidth
MBH035
432 kHz
or
4 MHz
OSCILLATOR
S
Q
CLK
R
Q
CLR
start input
no key
end control
CLK1
CLK2
INV
STOP
432 kHz
4 MHz
DIVIDE BY 111
DIVIDE BY 12
CONTROL
TIMER
DIVIDE-BY-4096
pulse
C0
C11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com