Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8521 Datasheet (PDF) - NXP Semiconductors

PCA8521 Datasheet PDF - NXP Semiconductors
Part # PCA8521
Download  PCA8521 Download
File Size   100.51 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Infrared remote control transmitter RC5

PCA8521 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA8521 Datasheet PDF - NXP Semiconductors

Part # PCA8521
Download  PCA8521 Click to download

File Size   100.51 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Infrared remote control transmitter RC5

PCA8521 Datasheet (HTML) - NXP Semiconductors


PCA8521 Product details

GENERAL DESCRIPTION

The PCA8521 can be used in infrared remote control transmitters. It generates output pulses, in accordance with the RC5 protocol, when a key is pressed. The IC does not contain a software programmable processor. However, it does contain a ROM in which the codes that have to be transmitted are stored. An example of an application diagram using a 20-pin IC is illustrated in Fig.7.



FEATURES

• RC5 protocol

• Maximum of:

– 56 keys (20-pin version)

– 30 keys (16-pin version).

• Option of multi-system or single system transmitter

– Multi-system: maximum 8 systems, selection by key

– Single system: maximum 8 different systems per IC, selection by jumper wire or switch.

• Power-down and key wake-up

• High output current (≤45 mA)

• Oscillator frequency of 432 kHz or 4 MHz

• Multiple key protection

• Option of 25% or 33% duty factor

• Contained in DIP16, SO16, DIP20 or SO20 packages.




Similar Part No. - PCA8521

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA85232 NXP-PCA85232 Datasheet
391Kb / 54P
LCD driver for low multiplex rates
Rev. 1-8 December 2010
PCA85232 NXP-PCA85232 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCA85232DA NXP-PCA85232DA Datasheet
391Kb / 54P
LCD driver for low multiplex rates
Rev. 1-8 December 2010
PCA85232U NXP-PCA85232U Datasheet
391Kb / 54P
LCD driver for low multiplex rates
Rev. 1-8 December 2010
PCA85232U NXP-PCA85232U Datasheet
547Kb / 54P
Automotive 80 횞 4 LCD driver for low multiplex rates
Rev. 5-12 November 2018
More results


Similar Description - PCA8521

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2211 PTC-PT2211 Datasheet
120Kb / 5P
Infrared Remote Control Transmitter?
PT2212 PTC-PT2212 Datasheet
71Kb / 3P
Infrared Remote Control Transmitter???
PT2221 PTC-PT2221 Datasheet
296Kb / 4P
Infrared Remote Control Transmitter???
logo
NXP Semiconductors
SAA3027 PHILIPS-SAA3027 Datasheet
518Kb / 13P
INFRARED REMOTE CONTROL TRANSMITTER
July1983
logo
List of Unclassifed Man...
SC3010 ETC-SC3010 Datasheet
235Kb / 15P
INFRARED REMOTE CONTROL TRANSMITTER
logo
Silan Microelectronics ...
SC8521 SILAN-SC8521 Datasheet
162Kb / 16P
INFRARED REMOTE CONTROL TRANSMITTER RC5
SC7461 SILAN-SC7461 Datasheet
192Kb / 14P
INFRARED REMOTE CONTROL TRANSMITTER
SC3010 SILAN-SC3010 Datasheet
330Kb / 14P
INFRARED REMOTE CONTROL TRANSMITTER OF RC5 CODE FORMAT
logo
Princeton Technology Co...
PT2212 PTC-PT2212_07 Datasheet
416Kb / 16P
Infrared Remote Control Transmitter
PT2248 PTC-PT2248_05 Datasheet
374Kb / 19P
Infrared Remote Control Transmitter
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com