Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8521 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA8521
Description  Infrared remote control transmitter RC5
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8521 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA8521 Datasheet HTML 1Page - NXP Semiconductors PCA8521 Datasheet HTML 2Page - NXP Semiconductors PCA8521 Datasheet HTML 3Page - NXP Semiconductors PCA8521 Datasheet HTML 4Page - NXP Semiconductors PCA8521 Datasheet HTML 5Page - NXP Semiconductors PCA8521 Datasheet HTML 6Page - NXP Semiconductors PCA8521 Datasheet HTML 7Page - NXP Semiconductors PCA8521 Datasheet HTML 8Page - NXP Semiconductors PCA8521 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1999 Jun 15
2
Philips Semiconductors
Product specification
Infrared remote control transmitter RC5
PCA8521
FEATURES
• RC5 protocol
• Maximum of:
– 56 keys (20-pin version)
– 30 keys (16-pin version).
• Option of multi-system or single system transmitter
– Multi-system: maximum 8 systems, selection by key
– Single system: maximum 8 different systems per IC,
selection by jumper wire or switch.
• Power-down and key wake-up
• High output current (≤ 45 mA)
• Oscillator frequency of 432 kHz or 4 MHz
• Multiple key protection
• Option of 25% or 33% duty factor
• Contained in DIP16, SO16, DIP20 or SO20 packages.
GENERAL DESCRIPTION
The PCA8521 can be used in infrared remote control
transmitters. It generates output pulses, in accordance
with the RC5 protocol, when a key is pressed. The IC does
not contain a software programmable processor.
However, it does contain a ROM in which the codes that
have to be transmitted are stored. An example of an
application diagram using a 20-pin IC is illustrated in Fig.7.
The oscillator frequency may be optionally chosen as
432 kHz or 4 MHz. For 432 kHz additional external
capacitors must be connected. The capacitors for a 4 MHz
oscillator is integrated. When a key in the key-matrix is
pressed a drive line will be connected to a sense line. This
causes the oscillator to start and a corresponding code will
be generated conforming to the RC5 protocol.
Seven drive lines (DR0 to DR6) and eight sense lines
(SN0 to SN7) may be connected via the key matrix to scan
the keys (see Fig.1).
When two or more keys are activated simultaneously no
transmission will take place.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCA8521FP
DIP16
plastic dual in-line package; 16 leads (300 mil)
SOT38-4
PCA8521FT
SO16
plastic small outline package; 16 leads; body width 7.5 mm
SOT162-1
PCA8521BP
DIP20
plastic dual in-line package; 20 leads (300 mil)
SOT146-1
PCA8521BT
SO20
plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com