Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8521 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA8521
Description  Infrared remote control transmitter RC5
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8521 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA8521 Datasheet HTML 1Page - NXP Semiconductors PCA8521 Datasheet HTML 2Page - NXP Semiconductors PCA8521 Datasheet HTML 3Page - NXP Semiconductors PCA8521 Datasheet HTML 4Page - NXP Semiconductors PCA8521 Datasheet HTML 5Page - NXP Semiconductors PCA8521 Datasheet HTML 6Page - NXP Semiconductors PCA8521 Datasheet HTML 7Page - NXP Semiconductors PCA8521 Datasheet HTML 8Page - NXP Semiconductors PCA8521 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1999 Jun 15
3
Philips Semiconductors
Product specification
Infrared remote control transmitter RC5
PCA8521
BLOCK DIAGRAM
Fig.1 Block diagram (for DIP20 and SO20 packages).
MBH038
handbook, full pagewidth
432 kHz or 4 MHz
OSCILLATOR
KEY
SCANNING
SHIFT REGISTER
1K x 8
ROM
PULSE
GENERATOR
STOP
TIMING GENERATOR
AND
CONTROL
1
4
XTAL1
XTAL2
2
SN0
36 kHz
5
SN1
6
SN2
7
SN3
9
SN4
10
SN5
OUTPUT
DRIVER
8
SN6
3
SN7
16
DR1
15
14
13
12
11
17
DR2
DR3
DR4
DR5
DR6
DR0
19
LOUT
18
VSS
VDD
20
PCA8521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com