Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8521 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA8521
Description  Infrared remote control transmitter RC5
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8521 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA8521 Datasheet HTML 7Page - NXP Semiconductors PCA8521 Datasheet HTML 8Page - NXP Semiconductors PCA8521 Datasheet HTML 9Page - NXP Semiconductors PCA8521 Datasheet HTML 10Page - NXP Semiconductors PCA8521 Datasheet HTML 11Page - NXP Semiconductors PCA8521 Datasheet HTML 12Page - NXP Semiconductors PCA8521 Datasheet HTML 13Page - NXP Semiconductors PCA8521 Datasheet HTML 14Page - NXP Semiconductors PCA8521 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1999 Jun 15
11
Philips Semiconductors
Product specification
Infrared remote control transmitter RC5
PCA8521
SYSTEM DEVELOPMENT
Software (RC8521)
A PC program is provided that enables the user to fill in system and command codes for each key number in each bank.
This program converts the input data into a ROM code-file needed to produce the metal mask and to program an EPROM
to be used in the hardware emulator.
Hardware (OM4839)
An emulator is available that functionally emulates the IC. An EPROM with the ROM code information is inserted into the
emulator to produce the required remote control codes corresponding to the keys in the prototype device.
APPLICATION INFORMATION
Fig.7 Application diagram (for DIP20 and SO20 packages).
handbook, full pagewidth
MBH034
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
XTAL1
XTAL2
SN7
432 kHz
or
4 MHz
SN0
SN1
SN2
SN3
SN6
SN4
SN5
VDD
LOUT
VSS
DR6
DR0
DR1
DR2
DR3
DR4
DR5
PCA8521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com