Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC8521 Datasheet (PDF) - Silan Microelectronics Joint-stock

SC8521 Datasheet PDF - Silan Microelectronics Joint-stock
Part # SC8521
Download  SC8521 Download
File Size   162.92 Kbytes
Page   16 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description INFRARED REMOTE CONTROL TRANSMITTER RC5

SC8521 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC8521 Datasheet PDF - Silan Microelectronics Joint-stock

Part # SC8521
Download  SC8521 Click to download

File Size   162.92 Kbytes
Page   16 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description INFRARED REMOTE CONTROL TRANSMITTER RC5

SC8521 Datasheet (HTML) - Silan Microelectronics Joint-stock


SC8521 Product details

DESCRIPTION
The SC8521 can be used in infrared remote control transmitters. It generates output pulses, in accordance with the RC5 protocol, when a key is pressed. The IC does not contain a software programmable processor. However, it does contain a ROM in which the codes that have to be transmitted are stored. The oscillator frequency may be optionally chosen as 432KHz. For 432KHz additional external capacitors must be connected. When a key in the key-matrix is pressed a driveline will be connected to a sense line. This causes the oscillator to start and a corresponding code will be generated conforming to the RC5 protocol.

FEATURES
∗ RC5 protocol
∗ Maximum of 56 keys (20-pin version)
∗ Option of multi-system or single system transmitter
    -- Multi-system: maximum 8 system, selection by key
    -- Single system: maximum 8 different systems per IC, selection by jumper wire or switch.
∗ Power-down and key wake-up
∗ High output current (≤45mA)
∗ Oscillator frequency of 432KHz
∗ Multiple key protection
∗ Option of 25% or 33% duty factor




Similar Part No. - SC8521

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC8560 SILAN-SC8560 Datasheet
108Kb / 10P
The SC8560 is an alarm equipped digital clock IC with built-in drivers capable of directly driving LED display equipment.
SC8560S SILAN-SC8560S Datasheet
108Kb / 10P
The SC8560 is an alarm equipped digital clock IC with built-in drivers capable of directly driving LED display equipment.
SC8562 SILAN-SC8562 Datasheet
670Kb / 9P
DIGITAL ALARM CLOCK WITH LED DRIVER
logo
Bourns Electronic Solut...
SC85AAA BOURNS-SC85AAA Datasheet
635Kb / 8P
Breaker (Surface Mount Thermal Cutoff Device)
SC85AAB BOURNS-SC85AAB Datasheet
635Kb / 8P
Breaker (Surface Mount Thermal Cutoff Device)
More results


Similar Description - SC8521

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8521 PHILIPS-PCA8521 Datasheet
100Kb / 20P
Infrared remote control transmitter RC5
1999 Jun 15
logo
Princeton Technology Co...
PT2211 PTC-PT2211 Datasheet
120Kb / 5P
Infrared Remote Control Transmitter?
PT2212 PTC-PT2212 Datasheet
71Kb / 3P
Infrared Remote Control Transmitter???
PT2221 PTC-PT2221 Datasheet
296Kb / 4P
Infrared Remote Control Transmitter???
logo
NXP Semiconductors
SAA3027 PHILIPS-SAA3027 Datasheet
518Kb / 13P
INFRARED REMOTE CONTROL TRANSMITTER
July1983
logo
List of Unclassifed Man...
SC3010 ETC-SC3010 Datasheet
235Kb / 15P
INFRARED REMOTE CONTROL TRANSMITTER
logo
Silan Microelectronics ...
SC7461 SILAN-SC7461 Datasheet
192Kb / 14P
INFRARED REMOTE CONTROL TRANSMITTER
SC3010 SILAN-SC3010 Datasheet
330Kb / 14P
INFRARED REMOTE CONTROL TRANSMITTER OF RC5 CODE FORMAT
logo
Princeton Technology Co...
PT2212 PTC-PT2212_07 Datasheet
416Kb / 16P
Infrared Remote Control Transmitter
PT2248 PTC-PT2248_05 Datasheet
374Kb / 19P
Infrared Remote Control Transmitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com