Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC8521 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC8521
Description  INFRARED REMOTE CONTROL TRANSMITTER RC5
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC8521 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC8521 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Silan
Semiconductors
SC8521
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.3
2002.03.01
3
ELECTRICAL CHARACTERISTICS (Tamb=25°C, unless otherwise specified)
Symbol
Parameter
Test condition
Min
Type
Max
Unit
Operating supply voltage
VDD
2.2
--
4.5
V
Supply current
IDD
VDD=3V; TA=25
°C
--
--
2
mA
Quiescent current
IDD(q)
VDD=3V; TA=25
°C
--
--
1
µA
Operating ambient temperature
TA
-10
--
+50
°C
Sense lines (input only and will have a weak internal pull-up resistance)
LOW level input voltage
VIL
--
--
0.3VDD
V
HIGH level input voltage
VIH
0.7VDD
--
--
V
Pull-up resistance
Rpu
VDD=3V
50
--
100
K
Ω
Driver lines (output only; open drain; maximum on-resistance when LOW)
Maximum on-resistance
Ron
VDD=3V
--
--
2
K
Ω
Output drive (has a weak pull-up resistance)
Source current
Isink
VDD=3V; VO=1.5V
3.5
4.5
5.5
mA
PIN DESCRIPTION
20-pin dual in-line and small outline package (SO-20)
Pin No.
Symbol
Description
1
XTAL1
Oscillator input
2
XTAL2
Oscillator output
3
SN7
Sense line 7 for key matrix
4
SN0
Sense line 0 for key matrix
5
SN1
Sense line 1 for key matrix
6
SN2
Sense line 2 for key matrix
7
SN3
Sense line 3 for key matrix
8
SN6
Sense line 6 for matrix
9
SN4
Sense line 4 for matrix
10
SN5
Sense line 5 for matrix
11
DR5
Drive line 5 for key matrix (active LOW)
12
DR4
Drive line 4 for key matrix (active LOW)
13
DR3
Drive line 3 for key matrix (active LOW)
14
DR2
Drive line 2 for key matrix (active LOW)
15
DR1
Drive line 1 for key matrix (active LOW)
16
DR0
Drive line 0 for key matrix (active LOW)
To be continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com