Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC8521 Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC8521
Description  INFRARED REMOTE CONTROL TRANSMITTER RC5
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC8521 Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC8521 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Silan
Semiconductors
SC8521
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.3
2002.03.01
4
(Continued)
Pin No.
Symbol
Description
17
DR6
Drive line 6 for key matrix (active LOW)
18
VSS
Ground
19
Lout
Output signal
20
VDD
Power supply
FUNCTION DESCRIPTION
1. Key numbering for matrix is given in tables 1
Table1
key numbering for 20-pin package
Sense lines
Driver lines
SN0
SN7
SN1
SN2
SN3
SN6
SN4
SN5
DR5
0:BANK0
1
2
3
4
5
6
7
DR4
8:BANK1
9
101112
1314
15
DR3
16:BANK2
17
18
19
20
21
22
23
DR2
24:BANK3
25
26
27
28
29
30
31
DR1
32:BANK4
33
34
35
36
37
38
39
DR0
40:BANK5
41
42
43
44
45
46
47
DR6
48:BANK6
49
50
51
52
53
54
55
SN0 connected GND, send BANK7 code. BANK0----7 see the following code table.
When the keys have been scanned the key-number of the activated key serves as the address of the ROM to
obtain the required codeword. Consequently, key numbers 6, 7, 14, 15, 22, 23, 30, 31, 38, 39 and 40 to 55 will not
be addressed.
The ROM contains 8 banks of 64 code words. Thus for each key a maximum of 8 different code words may be
generated. With multi-system use, 8 different systems (e.g. TV, VCR, tuner, CD etc.) may be selected. Apart from
the system bits the command bits may also be different in different banks (true multi-function keys). Selection can
be performed using the keys. For each key three bank selected bits are present that determine which bank will be
selected for the next key.
For each key an ‘inhibit’ bit is also present. When this bit is at logic 1 at an address in a given bank, and when
the corresponding key is pressed (when this bank has been selected) no transmission will take place.
A single system option is available however, whereby instead of keys jumper wire and/or a switch may be used
for bank selection. Using this option it is possible to program different transmitter models in one IC and select the
required bank by means of jumper wire. Instead of a jumper wire a side-switch may also be used to change the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com