Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC8521 Datasheet(PDF) 16 Page - Silan Microelectronics Joint-stock

Part # SC8521
Description  INFRARED REMOTE CONTROL TRANSMITTER RC5
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC8521 Datasheet(HTML) 16 Page - Silan Microelectronics Joint-stock

Back Button SC8521 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 14Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 15Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 16Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Silan
Semiconductors
SC8521
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.3
2002.03.01
16
Attach
Revision History
Data
REV
Description
Page
2001.09.18
1.0
Original
2001.01.03
1.1
Modify the order of the pin in key matrix table
4
2002.01.19
1.2
Modify the diode direction in “APPLICATION CIRCUIT”
Add the Binary “instruction and signal output format table”
Add the note of instruction table.
9
10~13
13~14
2002.03.01
1.3
The 102pF capacitor change to 100pF in “APPLICATION CIRCUIT”
Add the “PCB wire layout schematic”
Modify the “Package outline”
9
14
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com