Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC8521 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC8521
Description  INFRARED REMOTE CONTROL TRANSMITTER RC5
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC8521 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC8521 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Silan
Semiconductors
SC8521
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.3
2002.03.01
1
INFRARED REMOTE CONTROL
TRANSMITTER RC5
DESCRIPTION
The
SC8521 can
be
used
in
infrared
remote control
transmitters. It generates output pulses, in accordance with the RC5
protocol, when a key is pressed. The IC does not contain a software
programmable processor. However, it does contain a ROM in which
the codes that have to be transmitted are stored. The oscillator
frequency may be optionally chosen as 432KHz. For 432KHz
additional external capacitors must be connected. When a key in the
key-matrix is pressed a driveline will be connected to a sense line.
This causes the oscillator to start and a corresponding code will be
generated conforming to the RC5 protocol.
Seven drive lines ( DR0 to DR6 ) and eight sense lines (SN0
to SN7) may be connected via the key matrix to scan the keys.
When two or more keys are activated simultaneously no
transmission will take place.
FEATURES
∗ RC5 protocol
∗ Maximum of 56 keys (20-pin version)
∗ Option of multi-system or single system transmitter
-- Multi-system: maximum 8 system, selection by key
-- Single system: maximum 8 different systems per IC, selection
by jumper wire or switch.
SOP-20
∗ Power-down and key wake-up
∗ High output current (≤45mA)
∗ Oscillator frequency of 432KHz
∗ Multiple key protection
∗ Option of 25% or 33% duty factor
ORDERING INFORMATION
SC8521
SOP-20
Package
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
9
10
20
19
18
17
XTAL1
XTAL2
SN0
SN1
SN2
SN3
SN4
SN5
VDD
Lout
VSS
DR0
DR1
DR2
DR3
DR4
SN6
SN7
DR6
DR5


Similar Part No. - SC8521

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC8560 SILAN-SC8560 Datasheet
108Kb / 10P
The SC8560 is an alarm equipped digital clock IC with built-in drivers capable of directly driving LED display equipment.
SC8560S SILAN-SC8560S Datasheet
108Kb / 10P
The SC8560 is an alarm equipped digital clock IC with built-in drivers capable of directly driving LED display equipment.
SC8562 SILAN-SC8562 Datasheet
670Kb / 9P
DIGITAL ALARM CLOCK WITH LED DRIVER
logo
Bourns Electronic Solut...
SC85AAA BOURNS-SC85AAA Datasheet
635Kb / 8P
Breaker (Surface Mount Thermal Cutoff Device)
SC85AAB BOURNS-SC85AAB Datasheet
635Kb / 8P
Breaker (Surface Mount Thermal Cutoff Device)
More results

Similar Description - SC8521

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8521 PHILIPS-PCA8521 Datasheet
100Kb / 20P
Infrared remote control transmitter RC5
1999 Jun 15
logo
Princeton Technology Co...
PT2211 PTC-PT2211 Datasheet
120Kb / 5P
Infrared Remote Control Transmitter?
PT2212 PTC-PT2212 Datasheet
71Kb / 3P
Infrared Remote Control Transmitter???
PT2221 PTC-PT2221 Datasheet
296Kb / 4P
Infrared Remote Control Transmitter???
logo
NXP Semiconductors
SAA3027 PHILIPS-SAA3027 Datasheet
518Kb / 13P
INFRARED REMOTE CONTROL TRANSMITTER
July1983
logo
List of Unclassifed Man...
SC3010 ETC-SC3010 Datasheet
235Kb / 15P
INFRARED REMOTE CONTROL TRANSMITTER
logo
Silan Microelectronics ...
SC7461 SILAN-SC7461 Datasheet
192Kb / 14P
INFRARED REMOTE CONTROL TRANSMITTER
SC3010 SILAN-SC3010 Datasheet
330Kb / 14P
INFRARED REMOTE CONTROL TRANSMITTER OF RC5 CODE FORMAT
logo
Princeton Technology Co...
PT2212 PTC-PT2212_07 Datasheet
416Kb / 16P
Infrared Remote Control Transmitter
PT2248 PTC-PT2248_05 Datasheet
374Kb / 19P
Infrared Remote Control Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com