Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC8521 Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC8521
Description  INFRARED REMOTE CONTROL TRANSMITTER RC5
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC8521 Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC8521 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Silan
Semiconductors
SC8521
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.3
2002.03.01
5
generated code temporarily (select different bank) to obtain multi-function keys. With this option the jumper wires
or switch must be connected between sense line SN0 and one of the drivelines DR0 to DR6 or ground. This
means that SN0 cannot be used to connect keys and the maximum number of keys will be 49 keys for a 20-pin
package.
It is not possible to use a combination of jumper wires and selection keys for bank selection in one unit. The
output of the ROM is loaded into a shift register that provides the input bits for the pulse generator. This pulse
generator drives the output pin.
2. Timing generator
A schematic diagram of the timing generator is illustrated the oscillator frequency is 432KHz. The timing
generator is stopped when no key is activated and started again when a key is pressed.
The output of the oscillator (CLK1) is divided by 12 for 432KHz. Selection is achieved using a mask option. The
output of the divider is CLK2 which is used for clocking of the control timer. The frequency of CLK2 is 36 KHz and
the inverse is used to generate the output pulses in the subcarrier frequency. By mask option the duty factor can
be chosen to be 25% or 33%.
The control timer has a length of 4096 subcarrier (pulse) periods. This is equal to the transmission repletion time.
A bit time is equal to 64 pulses and the repetition time is 64 bit times. The control timer provides the timing of the
key scanning, the ROM access and the code transmission. When the control timer has arrived at a certain state
and no key has been pressed for at least 28 ms, a stop signal will be generated which will stop the oscillator. All
drivelines will then be set to logic 0. As soon as a key is pressed one of the sense lines will become logic 0. This
will generate a start signal, which will restart the oscillator.
OSCILLATOR
DIVIDE BY 12
CONTROL
TIMER
DIVIDE-BY-4096
C0
C11
pulse
R
SQ
Q
CLR
432kHz
no key
end control
start input
STOP
CLK1
432 kHz
INV
CLK
CLK2
Timer schematic diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com