Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC8521 Datasheet(PDF) 9 Page - Silan Microelectronics Joint-stock

Part # SC8521
Description  INFRARED REMOTE CONTROL TRANSMITTER RC5
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC8521 Datasheet(HTML) 9 Page - Silan Microelectronics Joint-stock

Back Button SC8521 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 13Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Silan
Semiconductors
SC8521
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.3
2002.03.01
9
INTERNAL PIN CONFIGURATION
1. Pin configuration for pin SN0
2. Pin configuration for pins SN1 to SN7
VDD
4
VDD
VDD
3,5to10
3. Pin configuration for pins DR0 to DR6
4. Pin configuration for pin Lout
11 to 17
VDD
VDD
VDD
19
APPLICATION CIRCUIT
1
2
3
4
5
6
7
8
16
15
14
13
12
11
9
10
20
19
18
17
XTAL1
XTAL2
SN0
SN1
SN2
SN3
SN4
SN5
VDD
VSS
DR0
DR1
DR2
DR3
DR4
SN6
SN7
DR6
DR5
LOUT
432 kHz
2
¡
100pF
100pF
47
­F
1k
¡
k7
k6
k5
k4
k3
k2
B0
k1
k15
k14
k13
k12
k11
k10
B1
k9
k23
k22
k21
k20
k19
k18
B2
k17
k31
k30
k29
k28
k27
k26
B3
k25
k39
k38
k37
k36
k35
k34
B4
k33
k47
k46
k45
k44
k43
k42
B5
k41
k55
k54
k53
k52
k51
k50
B6
k49
Application diagram (SO20 package)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com