Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC8521 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC8521
Description  INFRARED REMOTE CONTROL TRANSMITTER RC5
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC8521 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC8521 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC8521 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Silan
Semiconductors
SC8521
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
REV: 1.3
2002.03.01
2
BLOCK DIAGRAM
OSCILLATOR
KEY SCANNING
4
5
6
7
9
10
8
3
16
15
14
13
12
11
17
TIMING GENERATOR AND CONTROL
SHIFT REGISTER
1
2
19
20
18
SN0
SN1
SN2
SN3
SN4
SN5
SN6
SN7
DR0
DR1
DR2
DR3
DR4
DR5
DR6
VDD
VSS
Lout
XTAL1
XTAL2
432kHZ
ABSOLUTE MAXIMUM RATING
Characteristic
Symbol
Value
Unit
Supply Voltage
VDD
5V
Power Dissipation
PD
25
mW
Thermal Derating
K
∂
10
mW/
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Operating Temperature
TOPR
-20 ~ +80
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com